Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XE1201A Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # XE1201A
Description  LOW POWER UHF TRANSCEIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE1201A Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button XE1201A Datasheet HTML 6Page - List of Unclassifed Manufacturers XE1201A Datasheet HTML 7Page - List of Unclassifed Manufacturers XE1201A Datasheet HTML 8Page - List of Unclassifed Manufacturers XE1201A Datasheet HTML 9Page - List of Unclassifed Manufacturers XE1201A Datasheet HTML 10Page - List of Unclassifed Manufacturers XE1201A Datasheet HTML 11Page - List of Unclassifed Manufacturers XE1201A Datasheet HTML 12Page - List of Unclassifed Manufacturers XE1201A Datasheet HTML 13Page - List of Unclassifed Manufacturers XE1201A Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
;($0+]
/RZ3RZHU8+)7UDQVFHLYHU

$SSOLFDWLRQ,QIRUPDWLRQ
2.2pF
2.2pF
10nF
12nH
12nH
10nF
SAW
RESON ATOR
RFM R02101A
10nF
DATA
INPUT
CHIP
CONTROL
DATA
OU TPUT
4 MHz
IQD HC43
VDD
10nF
27nH
FROM ANTENNA
50 OHM
50 OHM
TO ANTENNA
VDD
VDD
18nH
ustrip
2.2pF
12nH
12nH
2 - 6pF
12nH
ustrip
12nH
ustrip
2.7 pF
2.2pF
2.2pF
18nH
ustrip
3.3pF
VDD
90 DEG
90 DEG
FILTERING+
OFFSET
REDUCTION
DEMODULATOR
SYMBOL SYNCHRO
RF POWER AMP
EN
DDS
LO
RXTX
RXD
CLOCK
DVDD
DGND
SD
BUS CONTROL
POWER MANAGEMENT
CLKD
DE
SC
TXD
AVDD
AGND
RFGND
RFVDD
TLA
SWB
SWA
TKA
TKB
TKC
XTAL
TLB
RFA
RFB
RFOUT
IO
QO
VREF
TPA
TPB
LOGND
Figure 10: application information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com