Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IS-SERIES Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # IS-SERIES
Description  Ultra Low Profile Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

IS-SERIES Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  IS-SERIES Datasheet HTML 1Page - Ohmite Mfg. Co. IS-SERIES Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
137
O r D eri NG i NFO r M ati ON
t er M i N ati ON O P ti ONS
I
S Series
Ultra Low Profile Power Resistors
IS200C47RKE
Tolerance
K = 10%
M= 20%
Resistance
3 digits
47R = 47
Termination
A = Tinned pad
B = Soldered lead
C = Fast on terminal
Wattage
175
200
250
270
RoHS
Compliant
Series
Insulated
Steel
D i M e NS i ONS
(in/mm)
Thickness: 0.050 in. ±.015 / 1.27mm
Type
Wattage L ±0.2mm
W ±0.2mm
ØD nom. Wt. nom (oz/g)
IS175
175 1.94/49.30 1.41/35.90 0.13/3.20 0.44/12.60
IS200
200 2.40/61.00 1.60/40.60 0.21/5.30 0.60/17.10
IS250
250 4.00/101.60 2.76/70.00 0.21/5.30 1.78/50.80
IS270
270 4.80/122.00 2.76/70.00 0.21/5.30 2.12/60.70
W
L
D
10" 14AWG
0.250"
0.032"
9mm
9mm
Solder pad only
SnAg (96S)
Flying leads
Push-on
connectors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com