Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EVAL5983 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVAL5983
Description  1.5 A step-down switching regulator demonstration board based on the L5983
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL5983 Datasheet(HTML) 2 Page - STMicroelectronics

  EVAL5983 Datasheet HTML 1Page - STMicroelectronics EVAL5983 Datasheet HTML 2Page - STMicroelectronics EVAL5983 Datasheet HTML 3Page - STMicroelectronics EVAL5983 Datasheet HTML 4Page - STMicroelectronics EVAL5983 Datasheet HTML 5Page - STMicroelectronics EVAL5983 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EVAL5983
EVAL5983 application circuit and component list
2/6
1
EVAL5983 application circuit and component list
Figure 1.
Application circuit
Table 1.
Component list
Reference
Part number
Description
Manufacturer
C1
GRM31CR61E106KA12
10
μF, 25 V
MURATA
C2
GRM31CR61C226KE15B
22
μf, 16 V
MURATA
C3
2.2 nF, 50 V
C4
10 nF, 50 V
C5
220 pF, 50 V
C6
68 nF, 25 V
R1
4.99 k
Ω, 1 %, 0.1 W 0603
R2
1.1 k
Ω, 1 %, 0.1 W 0603
R3
330
Ω, 1 %, 0.1 W 0603
R4
2.99 k
Ω, 1 %, 0.1 W 0603
R5
100 k
Ω, 1 %, 0.1 W 0603
L1
7447779006
6.8 uH, 30 %, 2.91 A
Coilcraft
D1
STPS2L25V
2 A, 2 5V
STMicroelectronics
OUT
FB
SYNCH
INH
GND
COMP
VCC
L5985
C1
10uF
C4 10nF
R1 4.99K
R2 1.1K
D1
STPS2L25U
L1 6.8uH
C3 2.2nF
R3 330
C5 220pF
R4 2.49K
FSW
8
3
7
6
4
5
2
1
C2
22uF
C6
68nF
COMP
1
Vout=3.3V
VIN=3.3V to 18V
R5 100K
OUT
FB
SYNCH
INH
GND
COMP
VCC
L5983
C1
10uF
C4 10nF
R1 4.99K
R2 1.1K
D1
STPS2L25U
L1 6.8uH
C3 2.2nF
R3 330
C5 220pF
R4 2.49K
FSW
8
3
7
6
4
5
2
1
C2
22uF
C6
68nF
COMP
1
Vout=3.3V
VIN=3.3V to 18V
OUT
FB
SYNCH
INH
GND
COMP
VCC
L5985
C1
10uF
C4 10nF
R1 4.99K
R2 1.1K
D1
STPS2L25U
L1 6.8uH
C3 2.2nF
R3 330
C5 220pF
R4 2.49K
FSW
8
3
7
6
4
5
2
1
C2
22uF
C6
68nF
COMP
1
Vout=3.3V
VIN=3.3V to 18V
R5 100K
OUT
FB
SYNCH
INH
GND
COMP
VCC
L5983
C1
10uF
C4 10nF
R1 4.99K
R2 1.1K
D1
STPS2L25U
L1 6.8uH
C3 2.2nF
R3 330
C5 220pF
R4 2.49K
FSW
8
3
7
6
4
5
2
1
C2
22uF
C6
68nF
COMP
1
Vout=3.3V
VIN=3.3V to 18V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com