Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EVAL6574B Datasheet(PDF) 4 Page - STMicroelectronics

Part # EVAL6574B
Description  CFL/TL ballast driver preheat and dimming demonstration board based on the L6574
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6574B Datasheet(HTML) 4 Page - STMicroelectronics

  EVAL6574B Datasheet HTML 1Page - STMicroelectronics EVAL6574B Datasheet HTML 2Page - STMicroelectronics EVAL6574B Datasheet HTML 3Page - STMicroelectronics EVAL6574B Datasheet HTML 4Page - STMicroelectronics EVAL6574B Datasheet HTML 5Page - STMicroelectronics EVAL6574B Datasheet HTML 6Page - STMicroelectronics EVAL6574B Datasheet HTML 7Page - STMicroelectronics EVAL6574B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Board description
EVAL6574B
4/8
DocID024443 Rev 1
Table 3: Bill of material
Reference
Part value
Part description
R1
750 kΩ
Resistor 250 mW 1%
R2
750 kΩ
Resistor 250 mW 1%
R3
10 kΩ
Resistor 250 mW 1%
R4
120 kΩ
Resistor 250 mW 1%
R5
120 kΩ
Resistor 250 mW 1%
R6
68 kΩ
Resistor 250 mW 1%
R7
22 Ω
Resistor 250 mW 1%
R8
10 kΩ
Resistor 250 mW 1%
R9
750 kΩ
Resistor 250 mW 1%
R10
750 kΩ
Resistor 250 mW 1%
R11
9.53 kΩ
Resistor 250 mW 1%
R12
82 kΩ
Resistor 250 mW 1%
R13
1.5 kΩ
Resistor 250 mW 1%
R14
10 Ω
Resistor 250 mW 1%
R15
10 kΩ
Resistor 250 mW 1%
R16
100 kΩ
Resistor 250 mW 1%
R17
47 Ω
Resistor 250 mW 1%
R18
100 kΩ
Resistor 250 mW 1%
R19
10 kΩ
Resistor 250 mW 1%
R20
6.8 kΩ
Resistor 250 mW 1%
R21
22 Ω
Resistor 250 mW 1%
R22
22 Ω
Resistor 250 mW 1%
R23
1 kΩ
Resistor 250 mW 1%
R24
390 kΩ
Resistor 250 mW 1%
R25
20 kΩ
Resistor 250 mW 1%
R26
750 kΩ
Resistor 250 mW 1%
R27
750 kΩ
Resistor 250 mW 1%
R28
3.9 kΩ
Resistor 250 mW 1%
R29
6.8 kΩ
Resistor 250 mW 1%
RS_1
0.68 Ω
Resistor 250 mW 1%
RS_2
0.68 Ω
Resistor 250 mW 1%
P1
5 kΩ
Trimmer 10 turns (Bourns / Spectrol)
NTC1
5 Ω
Thermistor 3 W (EPCOS)
C1
330 nF
Film Capacitor 400 V (Panasonic / Rubycon)
C2
10 nF
Capacitor 50 V
C3
220 nF
Capacitor 50 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com