Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EVL185W-LEDTV Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVL185W-LEDTV
Description  RoHS compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVL185W-LEDTV Datasheet(HTML) 2 Page - STMicroelectronics

  EVL185W-LEDTV Datasheet HTML 1Page - STMicroelectronics EVL185W-LEDTV Datasheet HTML 2Page - STMicroelectronics EVL185W-LEDTV Datasheet HTML 3Page - STMicroelectronics EVL185W-LEDTV Datasheet HTML 4Page - STMicroelectronics EVL185W-LEDTV Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Efficiency
EVL185W-LEDTV
2/5
Doc ID 018695 Rev 1
1
Efficiency
Thanks to the chipset used, the main peculiarities of this design are the very high efficiency
as well as the very low input consumption during standby operation.
Table 1.
Overall efficiency measured at 230 Vac mains voltage
Test
230 V - 50 Hz
12 V
24 V
130 V
5 V
Pout
[W]
Pin
[W]
Eff.
[%]
Vout
[V]
Iout
[A]
Vout
[V]
Iout
[A]
Vout
[V]
Iout
[A]
Vout
[V]
Iout
[A]
25% load eff.
11.95
1.00
24.19
0.50
128.89
0.15
5.05
0.50
46.09
52.00
88.6
50% load eff.
11.93
2.01
24.28
1.00
129.95
0.31
5.04
1.00
93.30
101.50
91.9
75% load eff.
11.90
3.01
24.38
1.50
131.05
0.47
5.04
1.50
141.67 151.90
93.3
100% load eff.
11.88
3.99
24.48
2.00
132.18
0.62
5.04
2.00
187.96 201.50
93.3
Average eff.
91.8
Table 2.
Overall efficiency measured at 115 Vac mains voltage
Test
115 V - 60 Hz
12 V
24 V
130 V
5 V
Pout
[W]
Pin
[W]
Eff.
[%]
Vout
[V]
Iout
[A]
Vout
[V]
Iout
[A]
Vout
[V]
Iout
[A]
Vout
[V]
Iout
[A]
25% load eff.
11.95
1.00
24.19
0.50
128.89
0.15
5.05
0.50
46.09
52.35
88.0
50% load eff.
11.93
2.01
24.28
1.00
129.95
0.31
5.04
1.00
93.30
102.85
90.7
75% load eff.
11.90
3.01
24.38
1.50
131.05
0.47
5.04
1.50
141.67 154.92
91.4
100% load eff.
11.87
3.99
24.47
2.00
132.15
0.62
5.04
2.00
187.76 206.84
90.8
Average eff.
90.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com