Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EVLHVLED815W15 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVLHVLED815W15
Description  15 W high power factor LED driver based on HVLED815PF
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLHVLED815W15 Datasheet(HTML) 2 Page - STMicroelectronics

  EVLHVLED815W15 Datasheet HTML 1Page - STMicroelectronics EVLHVLED815W15 Datasheet HTML 2Page - STMicroelectronics EVLHVLED815W15 Datasheet HTML 3Page - STMicroelectronics EVLHVLED815W15 Datasheet HTML 4Page - STMicroelectronics EVLHVLED815W15 Datasheet HTML 5Page - STMicroelectronics EVLHVLED815W15 Datasheet HTML 6Page - STMicroelectronics EVLHVLED815W15 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Board description
EVLHVLED815W15
2/7
DocID025159 Rev 1
Board description
Figure 1. Jumpers and connectors location
Table 1. Electrical specifications
Parameter
Value
Input voltage
220 Vac +/- 20%
Output LED current
485 mA (typ.)
Output LED voltage
30.5 V (typ.)
Power factor (PF)
> 0.95
Total harmonic distortion (THD)
< 20%
LED driver efficiency
> 84%
Table 2. Connector A pinout
Name
Type
Function
L
Line input voltage
N
Line input voltage
VOUT
Positive output LED (+)
GND
Negative output GND (-)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com