Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CTS6002 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CTS6002
Description  NPN SiGe RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CTS6002 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CTS6002 Datasheet HTML 1Page - Teledyne Technologies Incorporated CTS6002 Datasheet HTML 2Page - Teledyne Technologies Incorporated CTS6002 Datasheet HTML 3Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CTS6002
NPN SiGe RF Transistor
DESCRIPTION
PACKAGE STYLE
70 MIL PACKAGE
The CTS6002 is a high gain low noise SiGe RF transistor suitable
for a number of high reliability applications. The CTS6002 is
fabricated in a 70 GHz fT Silicon-Germanium technology. This
device is available in a 70 mil heremetically sealed package.
FEATURES
Outstanding NF, F = 0.65 dB @ 1.8GHz
F = 1.2 dB @ 6 GHz
Gms = 24dB @ 1.8GHz
OIP3 = 26.5 dBm @ 1.8GHz
High Reliability/Space grade screening available
Available in a hermetically sealed package
MAXIMUM RATINGS
RATING
LIMITS
UNITS
VCEO
4
V
VEBO
1.2
V
VCBO
13
V
VCES
13
V
IC
50
mA
IB
3
mA
PTOT
200
mW
TSTG, TA
-65 to +150
°C
TJ
+150
°C
DC ELECTRICAL CHARACTERISTICS TA = 25°C
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
V(BR)CEO
IC = 1 mA, IB = 0
4
4.5
---
V
ICES
VCE = 13V, VBE = 0
---
---
30
µA
ICBO
VCB = 13V, IE = 0
---
---
100
nA
IEBO
VEB = 0.5V, IC = 0
---
---
3
µA
hFE
IC = 30 mA, VCE = 3V, pulse measured
110
180
270
---


Similar Part No. - CTS6002

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
Central Technologies
CTS6000-A CT-CTS6000-A Datasheet
222Kb / 2P
Standard Flyback Regulators
CTS6000-AF CT-CTS6000-AF Datasheet
222Kb / 2P
Standard Flyback Regulators
logo
Teledyne Technologies I...
CTS6001 TELEDYNE-CTS6001 Datasheet
67Kb / 3P
InGaP/GaAs RFIC AMPLIFIER
More results

Similar Description - CTS6002

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN6601B TACHYONICS-THN6601B Datasheet
280Kb / 7P
NPN SiGe RF TRANSISTOR
THN4201 TACHYONICS-THN4201 Datasheet
227Kb / 12P
NPN SiGe RF TRANSISTOR
THN5601B TACHYONICS-THN5601B Datasheet
89Kb / 7P
NPN SiGe RF POWER TRANSISTOR
THN5601SF TACHYONICS-THN5601SF Datasheet
324Kb / 11P
NPN SiGe RF POWER TRANSISTOR
THN5602F TACHYONICS-THN5602F Datasheet
280Kb / 6P
NPN SiGe RF POWER TRANSISTOR
THN6201 TACHYONICS-THN6201 Datasheet
251Kb / 13P
NPN SiGe RF TRANSISTOR
THN6301 TACHYONICS-THN6301 Datasheet
206Kb / 11P
NPN SiGe RF TRANSISTOR
THN6501 TACHYONICS-THN6501 Datasheet
231Kb / 13P
NPN SiGe RF TRANSISTOR
THN6701B TACHYONICS-THN6701B Datasheet
253Kb / 6P
NPN SiGe RF POWER TRANSISTOR
logo
STMicroelectronics
START620 STMICROELECTRONICS-START620 Datasheet
30Kb / 5P
NPN SiGe RF Transistor
03-May-2002
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com