Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MATRIX-M24SR Datasheet(PDF) 3 Page - STMicroelectronics

Part # MATRIX-M24SR
Description  Various antenna designs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MATRIX-M24SR Datasheet(HTML) 3 Page - STMicroelectronics

  MATRIX-M24SR Datasheet HTML 1Page - STMicroelectronics MATRIX-M24SR Datasheet HTML 2Page - STMicroelectronics MATRIX-M24SR Datasheet HTML 3Page - STMicroelectronics MATRIX-M24SR Datasheet HTML 4Page - STMicroelectronics MATRIX-M24SR Datasheet HTML 5Page - STMicroelectronics MATRIX-M24SR Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DocID025534 Rev 2
3/6
MATRIX-M24SR
Description
6
Figure 2. ANT10 block diagram
When associated with the DSILC6-4P6 (VBR = 8.1 V), the M24SR64-Y is compliant with the
IEC61000-4-2, level 3 (10 kV).
Figure 3. ANT9 block diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com