Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC56AP60X Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPC56AP60X
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP60X Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPC56AP60X Datasheet HTML 28Page - STMicroelectronics SPC56AP60X Datasheet HTML 29Page - STMicroelectronics SPC56AP60X Datasheet HTML 30Page - STMicroelectronics SPC56AP60X Datasheet HTML 31Page - STMicroelectronics SPC56AP60X Datasheet HTML 32Page - STMicroelectronics SPC56AP60X Datasheet HTML 33Page - STMicroelectronics SPC56AP60X Datasheet HTML 34Page - STMicroelectronics SPC56AP60X Datasheet HTML 35Page - STMicroelectronics SPC56AP60X Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 105 page
background image
Package pinouts and signal descriptions
SPC56xP54x, SPC56xP60x
32/105
DocID18340 Rev 6
MDO5
Nexus Message Data Output—line 5
Output
Only
Fast
8
MDO6
Nexus Message Data Output—line 6
Output
Only
Fast
9
MDO7
Nexus Message Data Output—line 7
Output
Only
Fast
110
MDO8
Nexus Message Data Output—line 8
Output
Only
Fast
111
MDO9
Nexus Message Data Output—line 9
Output
Only
Fast
112
MDO10
Nexus Message Data Output—line 10
Output
Only
Fast
166
MDO11
Nexus Message Data Output—line 11
Output
Only
Fast
171
RDY
Nexus ready output
Output
Only
172
NMI
Non-Maskable Interrupt
Input Only
1
1
1
XTAL
Analog output of the oscillator amplifier
circuit. Needs to be grounded if oscillator is
used in bypass mode.
——
18
29
37
EXTAL
Analog input of the oscillator amplifier
circuit, when the oscillator is not in bypass
mode.
Analog input for the clock generator when
the oscillator is in bypass mode.
——
19
30
38
TMS(3)
JTAG state machine control
Input Only
59
87
105
TCK(3)
JTAG clock
Input Only
60
88
106
TDI(3)
JTAG data input
Input Only
58
86
104
TDO(3)
JTAG data output
Output
Only
61
89
107
Reset pin
RESET(4)
Bidirectional reset with Schmitt trigger
characteristics and
noise filter
Bidirection
al
Medium
20
31
39
Test pin
VPP TEST
Pin for testing purpose only. To be tied to
ground in normal operating mode.
74
107
131
VREG_BYPASS
Pin for testing purpose only. To be tied to
ground in normal operating mode.
——
34
51
59
1. SRC values refer to the value assigned to the Slew Rate Control bits of the pad configuration register.
Table 6. System pins (continued)
Symbol
Description
Direction
Pad Speed(1)
Pin
SRC=0 SRC=1
LQFP
100
LQFP
144
LQFP
176(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com