Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GL3PR43 Datasheet(PDF) 6 Page - Sharp Corporation

Part # GL3PR43
Description  3 MM(T-l) CYLINDER LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL3PR43 Datasheet(HTML) 6 Page - Sharp Corporation

  GL3PR43 Datasheet HTML 1Page - Sharp Corporation GL3PR43 Datasheet HTML 2Page - Sharp Corporation GL3PR43 Datasheet HTML 3Page - Sharp Corporation GL3PR43 Datasheet HTML 4Page - Sharp Corporation GL3PR43 Datasheet HTML 5Page - Sharp Corporation GL3PR43 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LED
GL3D u 43 Series
GL3EG43 (Yellow-green) / GL3KG43 (Green)
s
Characteristics
Parameter
Symbol
Model
Conditions
MIN. TYP. MAX.
GL3EG43
2.8
Forward voltage
GL3KG43
2
2.8
GL3EG43
10
25
GL3KG43
8.0
20
‘cd
Peak emission wavelength
GL3EG43
565
GL3KG43
nm
555
Spectrum radiation bandwidth
GL3EG43
30
GL3KG43
25
‘m
GL3EG43
Reverse current
10
GL3KG43
10
Terminal capacitance
GL3EG43
V=OV
MHz
GL3KG43
V=OV
f=lMH z
4(I
Response frequency
GL3EG43
4
GL3KG43
Tolerance:
s Characteristics Diagrams
Forward Current vs.
Luminous Intensity vs.
Forward Voltage
Forward Current
I
I
0,05
,
,
,
L-
Forward
current
Relative Luminous Intensity vs.
Ambient Temperature
.
E
Spectrum Distribution
I
Ambient
Wavelength
Forward Current
Curve
50
30
.
$
10
0
411
Ambient
temperature
Radiation Diagram
60



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com