Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEVAL-IFP015V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IFP015V2
Description  RoHS compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFP015V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IFP015V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFP015V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFP015V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFP015V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
September 2013
DocID025192 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-IFP015V2
Galvanically-isolated 8 channel high-side driver based on the
ISO8200B
Data brief
Features
•
VCC operating voltage from 10.5 to 33 V
•
0.7 A for each channel
•
Reverse polarity protection on VCC and VDD
supply voltage
•
Digital supply voltage VDD 3.3/5 V
•
Microcontroller interface direct/synchronous
mode communication
•
Designed to meet requirements of IEC
61000-4-2, IEC 61000-4-4, IEC 61000-4-5
standards
•
RoHS compliant
Description
The STEVAL-IFP015V2 demonstration board
works in combination with the STEVAL-
PCC009V2 or STEVAL-PCC009V1 interface
board to allow evaluation of all the features of the
ISO8200B device. A large GND area on the
printed circuit board has been designed to
minimize noise effects and ensure good thermal
performance.
The ISO8200B is a galvanic isolated 8 channel
driver featuring a very low supply current. It
contains 2 independent galvanic isolated voltage
domains (VCC for the power stage and VDD for the
digital stage). The IC is intended to drive any type
of load with one side connected to ground. Active
channel current limitation combined with thermal
shutdown, independent for each channel, and
automatic restart protect the device against
overload. Additional embedded functions are:
loss of GND protection which automatically turns
off the outputs in case of analog ground,
undervoltage shutdown with hysteresis, and reset
function for immediate power output shutdown.
Built-in thermal shutdown protects the chip
against overtemperature and short-circuit. In
overload condition, the channel turns off, then
back on automatically after the IC temperature
has decreased below a reset threshold. If this
condition causes the case temperature to reach
the TCR limit, the overloaded channel is turned
off and will restart only when case and junction
temperature have decreased down to the reset
threshold. Non overloaded channels continue to
operate normally.
An internal circuit provides an OR-wired non
latched common FAULT indicator signaling
channel OVT. The FAULT pin is an open-drain
active-low fault indication pin.


Similar Part No. - STEVAL-IFP015V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP010V1 STMICROELECTRONICS-STEVAL-IFP010V1 Datasheet
163Kb / 6P
Current limitation
13-Jun-2008
STEVAL-IFP010V3 STMICROELECTRONICS-STEVAL-IFP010V3 Datasheet
168Kb / 4P
Junction overtemperature protection
22-Dec-2011
STEVAL-IFP016V2 STMICROELECTRONICS-STEVAL-IFP016V2 Datasheet
415Kb / 4P
Additional IEC61131-2 type-1 input
25-Sep-2012
STEVAL-IFP017V3 STMICROELECTRONICS-STEVAL-IFP017V3 Datasheet
316Kb / 4P
Evaluation board for IO-Link transceiver device L6362A
06-May-2016
STEVAL-IFP019V1 STMICROELECTRONICS-STEVAL-IFP019V1 Datasheet
121Kb / 5P
Quad high-side smart-power solid-state relay demonstration board based on the VNI4140K-32
19-Dec-2011
More results

Similar Description - STEVAL-IFP015V2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com