Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEVAL-IFP032V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IFP032V1
Description  Eight-channel high-side driver based on the VNI8200XP-32
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFP032V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IFP032V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFP032V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFP032V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFP032V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IFP032V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
February 2016
DocID028944 Rev 1
1/5
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-IFP032V1
Eight-channel high-side driver based on the VNI8200XP-32
Data brief
Features
Operating voltage: from 10.5 to 33 V
Operating current: 1.2 A for each channel
Reverse polarity protection
High-speed opto-isolation for SPI and
parallel communication
Low-speed opto-isolation for device fault
signaling
Step-down converter for 3.3 V or 5 V
Digital supply voltage
LED matrix for channel status signaling
Microcontroller interface
Designed to meet EMC standard
requirements: IEC 61000-4-2, IEC 61000-4-
4, IEC 61000-4-5
RoHS compliant
Description
The STEVAL-IFP032V1 evaluation board, based
on the VNI8200XP-32 high-side driver, is
intended for device testing in terms of power
management and digital interface.
In adherence with industrial standards, the
board’s isolated interface between the IPS and
host controller are implemented using high-speed
opto-couplers for IPS driving, and low-speed
opto-couplers to receive device status
information. Connection is achieved through a
30-pin connector.
A GUI interface provides a user-friendly way to
test VNI8200XP-32 device functionality, after
connecting the STEVAL-IFP032V1 evaluation
board to a PC via a communication board (part
number STEVAL-PCC009V2).
Thermal performance is improved thanks to a
four-layer design with copper regions distributed
across all the layers for more effective heat
dissipation. The STEVAL-IFP032V1 evaluation
board meets EFT standard requirements IEC
61000-4- 2, IEC 61000-4-4, IEC 61000-4-5.


Similar Part No. - STEVAL-IFP032V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP030V1 STMICROELECTRONICS-STEVAL-IFP030V1 Datasheet
237Kb / 5P
High speed digital input current limiter evaluation board based on SCLT3-8BQ7
17-Dec-2015
STEVAL-IFP031V1 STMICROELECTRONICS-STEVAL-IFP031V1 Datasheet
235Kb / 5P
High speed digital input current limiter evaluation board based on CLT01-8SQ7
17-Dec-2015
STEVAL-IFP034V1 STMICROELECTRONICS-STEVAL-IFP034V1 Datasheet
255Kb / 4P
Single high side driver based on IPS161H
January 2017 Rev 1
More results

Similar Description - STEVAL-IFP032V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP002V1 STMICROELECTRONICS-STEVAL-IFP002V1 Datasheet
258Kb / 4P
High Side Driver - 8 Channel based on VN808
31-Jan-2006
STEVAL-CCA009V1 STMICROELECTRONICS-STEVAL-CCA009V1 Datasheet
109Kb / 5P
High performance stereo headphone driver demonstration board based on the TS4601B
19-Nov-2010
STEVAL-IFP005V2 STMICROELECTRONICS-STEVAL-IFP005V2 Datasheet
204Kb / 4P
High side driver demonstration board based on the VN751PT
16-Jul-2009
STEVAL-IFP019V1 STMICROELECTRONICS-STEVAL-IFP019V1 Datasheet
121Kb / 5P
Quad high-side smart-power solid-state relay demonstration board based on the VNI4140K-32
19-Dec-2011
AN2754 STMICROELECTRONICS-AN2754 Datasheet
307Kb / 20P
Buck high-brightness LED driver based on the ST1S10
28-Aug-2008
AN4373 STMICROELECTRONICS-AN4373 Datasheet
1Mb / 14P
Galvanically-isolated 8 channel high-side driver based on the ISO8200B
15-Oct-2013
STEVAL-IFP022V1 STMICROELECTRONICS-STEVAL-IFP022V1 Datasheet
266Kb / 5P
Eight-channel high-side driver based on the VNI8200XP
19-Jul-2013
STEVAL-IFP028V1 STMICROELECTRONICS-STEVAL-IFP028V1 Datasheet
245Kb / 4P
Single high side driver based on IPS160H
08-Mar-2016
STEVAL-IFP034V1 STMICROELECTRONICS-STEVAL-IFP034V1 Datasheet
255Kb / 4P
Single high side driver based on IPS161H
January 2017 Rev 1
STEVAL-ISQ007V1 STMICROELECTRONICS-STEVAL-ISQ007V1 Datasheet
122Kb / 4P
High-side current-sense amplifier demonstration board based on the TSC101
12-Feb-2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com