Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEVAL-IHT004V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IHT004V1
Description  AC timer demonstration board on HT triacs and ST7Lite1b
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHT004V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IHT004V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHT004V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHT004V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHT004V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IHT004V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
July 2009
Doc ID 16016 Rev 1
1/5
5
STEVAL-IHT004V1
AC timer demonstration board on HT triacs and ST7Lite1b
Features
3 independent application programs
– Hand dryer with infrared sensor and
T1235H-6T switch
– Bathroom fan with humidity sensor and
ACS108 switch
– Multi-entrance room controller with push
button and BTB08-600SW switch
Two potentiometers for setting sensor
sensitivity and TRIAC turn-off delay
Capacitive power supply (680 nF capacitor
EPCOS B32923C3684
–5 V ±10%
– Average output current: 16 mA
– Standby power losses < 0.3 W @ 230 V
Program selector (U2)
ICC connector for software adjustment
Free development area with hole matrix
available for application breadboard adaptation
Overvoltage protection is not implemented on
the board but some solder pads are available
to implement it in two different ways:
Varistor addition between mains voltage
Transil addition between TRIAC A2-G
terminals
RoHS compliant
Description
The purpose of the demonstration board is to
promote the various types of applications where a
single AC switch is controlled in on/off full-phase
mode. The switch control is based on information
from a single sensor evaluated by an MCU.
STEVAL-IHT004V1
www.st.com


Similar Part No. - STEVAL-IHT004V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHT001V1 STMICROELECTRONICS-STEVAL-IHT001V1 Datasheet
116Kb / 4P
Thermostat control demonstration board for refrigerators, based on the ST7Lite39
September 2010 Rev 1
STEVAL-IHT001V2 STMICROELECTRONICS-STEVAL-IHT001V2 Datasheet
147Kb / 7P
Cold thermostat kit based on AC switches and the STM8S
October 2012 Rev 3
STEVAL-IHT003V1 STMICROELECTRONICS-STEVAL-IHT003V1 Datasheet
76Kb / 4P
Low-loss e-STARTER demonstration board for compressor starter circuits based on the ACST6
08-Jul-2008
STEVAL-IHT003V2 STMICROELECTRONICS-STEVAL-IHT003V2 Datasheet
261Kb / 4P
Low loss e-starter evaluation board for compressor starter circuits based on the ACST6
January 2017 Rev 1
STEVAL-IHT005V1 STMICROELECTRONICS-STEVAL-IHT005V1 Datasheet
128Kb / 4P
3.3 V control of ACS/Triac with STM32
15-Dec-2010
More results

Similar Description - STEVAL-IHT004V1

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-MKI116V1 STMICROELECTRONICS-STEVAL-MKI116V1 Datasheet
360Kb / 5P
MEMS microphone demonstration board based on the MP34DB01 and STM32
27-Mar-2012
STEVAL-MKI117V1 STMICROELECTRONICS-STEVAL-MKI117V1 Datasheet
363Kb / 5P
MEMS microphone demonstration board based on the MP34DT01 and STM32
27-Mar-2012
STEVAL-MKI117V2 STMICROELECTRONICS-STEVAL-MKI117V2 Datasheet
353Kb / 5P
MEMS microphone demonstration board based on the MP45DT02 and STM32
27-Mar-2012
STEVAL-IHM013V1 STMICROELECTRONICS-STEVAL-IHM013V1 Datasheet
134Kb / 4P
Demonstration board on low-end vacuum cleaner based on the ST7FLiteUS5 and BTB12
04-Jun-2008
STEVAL-ILL009V5 STMICROELECTRONICS-STEVAL-ILL009V5 Datasheet
105Kb / 5P
New RGB color demonstration board based on the STP04CM05 and ST1S10
28-Oct-2008
STEVAL-ILL029V1 STMICROELECTRONICS-STEVAL-ILL029V1 Datasheet
147Kb / 7P
Front panel demonstration board based on the STLED325 and STM8S
23-Jun-2010
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com