Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS4C32M16SB-7TCN Datasheet(PDF) 21 Page - Alliance Semiconductor Corporation

Part # AS4C32M16SB-7TCN
Description  54pin TSOPII PACKAGE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C32M16SB-7TCN Datasheet(HTML) 21 Page - Alliance Semiconductor Corporation

Back Button AS4C32M16SB-7TCN Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C32M16SB-7TCN Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C32M16SB-7TCN Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C32M16SB-7TCN Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C32M16SB-7TCN Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C32M16SB-7TCN Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C32M16SB-7TCN Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C32M16SB-7TCN Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C32M16SB-7TCN Datasheet HTML 25Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
Table 16. Electrical Characteristics and Recommended A.C. Operating Conditions
(VDD = 3.3V ± 0.3V, TA = -40~85°C) (Note: 5, 6, 7, 8)
Symbol
A.C. Parameter
-6
-7
Unit Note
Min. Max. Min. Max.
tRC
Row cycle time (same bank)
60
-
63
-
ns
tRFC
Refresh cycle time
60
-
63
-
tRCD
RAS# to CAS# delay (same bank)
18
-
21
-
tRP
Precharge to refresh/row activate command
(same bank)
18
-
21
-
tRRD
Row activate to row activate delay
(different banks)
12
-
14
-
tMRD
Mode register set cycle time
12
-
14
-
tRAS
Row activate to precharge time (same bank)
42
120K
42
120K
tWR
Write recovery time
12
-
14
-
tCK
Clock cycle time
CL* = 2
10
-
10
-
9
CL* = 3
6
-
7
-
tCH
Clock high time
2
-
2.5
-
10
tCL
Clock low time
2
-
2.5
-
10
tAC
Access time from CLK
(positive edge)
CL* = 2
-
6
-
6
10
CL* = 3
-
5
-
5.4
tOH
Data output hold time
2.5
-
2.5
-
9
tLZ
Data output low impedance
0
-
0
-
tHZ
Data output high impedance
-
5
-
5.4
8
tIS
Data/Address/Control Input set-up time
1.5
-
1.5
-
10
tIH
Data/Address/Control Input hold time
0.8
-
0.8
-
10
tPDE
Power Down Exit set-up time
tIS+tCK
-
tIS+tCK
-
tREFI
Average Refresh interval time
-
7.8
-
7.8
μs
tXSR
Exit Self-Refresh to any Command
tRC+tIS
-
tRC+tIS
-
ns
*
CL is CAS Latency.
Note:
1. Stress greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. Absolute maximum DC requirements contain stress ratings only. Functional operation at the
absolute maximum limits is not implied or guaranteed. Extended exposure to maximum ratings may affect
device reliability.
2. All voltages are referenced to VSS. Overshoot VIH (Max) = 4.6V for pulse width ≤ 3ns. Undershoot VIL (Min) = -1.0V
for pulse width ≤ 3ns.
3. These parameters depend on the cycle rate and these values are measured by the cycle rate under the
minimum value of tCK and tRC. Input signals are changed one time during every 2 tCK.
4. These parameters depend on the output loading. Specified values are obtained with the output open.
5. Power-up sequence is described in Note 11.
6. A.C. Test Conditions
AS4C32M16SB-6TIN
AS4C32M16SB-7TIN
AS4C32M16SB-7TCN
Confidential
- 21/55 -
Rev.1.0 June 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com