Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEVAL-IPE010V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IPE010V1
Description  Energy meter demonstration kit motherboard based on the STPMC1 and STPMS1
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPE010V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IPE010V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IPE010V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IPE010V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IPE010V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
June 2010
Doc ID 17456 Rev 1
1/4
4
STEVAL-IPE010V1
Energy meter demonstration kit
motherboard based on the STPMC1 and STPMS1
Features
■ Vnom: 230 VRMS
■ Inom CT: 1 A (Imax 30 A)
■ Inom Sh: 5 A (Imax 80 A)
■ fLIN: 50 / 60 ± 10% Hz
■ Operating temperature: - 40 / + 85 °C
■ RoHS compliant
Description
The purpose of the demonstration kit is to provide
an evaluation platform for the STPMC1 and
STPMS1 devices, but it can also be used as a
starting point to design a Class 1 meter for 2 to 4-
wire power line systems using delta or wye
service.
The STPMC1 is a metering ASSP implemented
through an advanced 0.35 µm BCD6 technology.
The STPMS1 is an ASSP designed as a building
block for single or multi-phase energy meters.
The kit is made up of the STEVAL-IPE010V1
motherboard with the STPMC1 mounted, and up
to 5 daughterboards (order code STEVAL-
IPE011V1), each with an STPMS1 mounted to
sense the voltage and current of each phase.
Each phase is monitored by an independent
daughterboard, in which an autonomous power
supply is provided to the board itself and, once it
is connected, also to the motherboard.
On this board, the STPMS1 device senses the
phase current through a CT or a shunt sensor,
and the phase voltage through a voltage divider.
The presence of dedicated networks greatly
reduces the sampling (aliasing) noise and the
crosstalk noise between voltage and current
channels, increasing meter precision. The
STPMS1 produces a sigma-delta stream, sent
together with the supply voltage, to the STPMC1
through a card edge connector.
The motherboard receives the sigma-delta
streams from the daughterboards which are
further elaborated by the STPMC1. This device,
from a 4.194 MHz crystal oscillator, provides a
common clock with programmable frequency to
all the daughterboards.
The motherboard, through a 10-pin flat cable
connector, can be interfaced to a microprocessor
board to implement advanced metering features
(multi-tariff, data management and storage,
communication, etc). It also has stepper motor
connectors for simple energy meter
implementation.
STEVAL-IPE010V1
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STEVAL-IPE010V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPE010V2 STMICROELECTRONICS-STEVAL-IPE010V2 Datasheet
186Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1
15-Feb-2012
More results

Similar Description - STEVAL-IPE010V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPE007V1 STMICROELECTRONICS-STEVAL-IPE007V1 Datasheet
155Kb / 8P
Mono-phase energy meter based on ST7Flite
20-Jul-2007
STEVAL-IPE008V1 STMICROELECTRONICS-STEVAL-IPE008V1 Datasheet
287Kb / 8P
Energy meter (3-phase) demonstration board based on the STPM01 and STR715FR0
25-Nov-2008
AN4121 STMICROELECTRONICS-AN4121 Datasheet
1Mb / 26P
Poly-phase demonstration kit with the STPMC1 and STPMS2
06-Nov-2012
AN2937 STMICROELECTRONICS-AN2937 Datasheet
1Mb / 41P
Power system demonstration kit based on the PM6686 dual
20-Aug-2009
AN2938 STMICROELECTRONICS-AN2938 Datasheet
1Mb / 39P
Power system demonstration kit based on the PM6686 dual
19-Jun-2009
UM1040 STMICROELECTRONICS-UM1040 Datasheet
896Kb / 19P
STEVAL-SPIMD20 demonstration kit based on the SPIMD20 integrated motor drive
21-Dec-2011
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
STEVAL-ISV021V1 STMICROELECTRONICS-STEVAL-ISV021V1 Datasheet
342Kb / 10P
Energy harvesting demonstration kit based on SPV1050
December 2015 Rev 3
UM1059 STMICROELECTRONICS-UM1059 Datasheet
470Kb / 9P
The STPMC1 and STPMS2 evaluation kit
15-Oct-2014
STEVAL-IPE010V2 STMICROELECTRONICS-STEVAL-IPE010V2 Datasheet
186Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1
15-Feb-2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com