Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PHA0135B Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # PHA0135B
Description  Cascadable Silicon Bipolar MMIC Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

PHA0135B Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  PHA0135B Datasheet HTML 1Page - Teledyne Technologies Incorporated PHA0135B Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Teledyne Microwave Solutions • 650-691-9800 • Fax: 650-962-06845
Specifications subject to change without notice.
PHA-0135B
Electrical Specifications
[[1]]
+25
°°C
Symbol
Parameters and Test Conditions
Units
Min
Max
G
P
Power Gain (S
21
2)
f =0.1 GHz
dB
18.0
20.0
∆Gp
Gain Flatness
f= 0.1 GHz-0.6 GHz
dB
±1.0
V
d
Device Voltage
@ 17 mA
V
4.5
5.5
NOTE:
1. The recommended operating current range for this device is 13 to 25 mA.
T
UpScreen
Table 2A 100% Screening
Screening Test/Operation
MIL-STD-883
Method
Conditions
Stabilization Bake
1008
Condition C, Ta = +150 °C
t= 24 hrs.
Temperature Cycling
1010
Condition C, -65 to +150°C,
10 cycles minimum
Constant Acceleration
2001
Condition E, 30,000 G,
Y1 axis only
Pre Burn-in Electrical Test
(optional)
+25°C; G
p, ∆Gp and Vd
Burn-in
1015
Condition B, t= 160 hrs.,
Ta = +125°C
Final Electrical Test
-----
+25°C; G
p, ∆Gp and Vd
Percent Defective Allowable
(PDA)
5% max.; applies to 25°C
Final Electrical Test
Hermeticity
Fine Leak
Gross Leak
1014
1014
Condition A
Condition C
External Visual
2009
Shipment Packaging
10 units per strip
Marking: Manufacturer’s marking (if applicable) will remain on devices. TMS individual packaging
will be labeled withTMS Part Number and manufacturer date code. TMS shipment date code will
appear on outer label and C of C. Certificate of Conformance (C of C) will be sent with each shipment.
This document provides objective evidence of TMS testing and documents traceability to manufacturers
wafer/lot identification.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com