Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PHT41470B Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # PHT41470B
Description  Up to 6 GHz Low Noise Silicon Bipolar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

PHT41470B Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  PHT41470B Datasheet HTML 1Page - Teledyne Technologies Incorporated PHT41470B Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Teledyne Microwave Solutions • 650-691-9800 • FAX: 650-962-6845
Specifications subject to change without notice.
PHT-41470B
Electrical Specifications
-55°C
+25°C
+150°C
Symbol
Parameters and Test Conditions
Units
Min
Max
Min
Max Min Max
NFo
Optimum Noise Figure: VCE= 8 V, I
C = 10 mA
f =2.0 GHz
dB
1.9
G
A
Gain @ NFo: VCE = 8 V, I
C = 10 mA
f =2.0 GHz
dB
13.0
h
FE
I
CBO
I
EBO
Forward Current Transfer Ratio; V
CE = 8 V, IC = 10mA
Collector Cutoff Current; V
CE = 8
Emitter Cutoff Current; V
EB = 1 V
--
µA
µA
15
30
300
0.2
1.0
10
TMS UpScreen
Table 1A 100% Screening
Screening Test/Operation
MIL-STD-750
Method
Conditions
Temperature Cycling
1051
Condition C, Ta = -55°C to 175°C
20 cycles minimum
Constant Acceleration
2006
20,000G, Y1 axis only,
1 min. hold does not apply
High Temp. Reverse Bias
(HTRB)
1039
Condition A, t= 48 hrs., Ta = +150 °C
VCB= 80% of rated BVCBO
Interim Electrical Tests
------
+25°C; hFE, ICBO IEBO
Power Burn-in
1039
Condition B, t= 160 hrs., Ta = +25°C,
Tj = +150°C
Final Electrical Test
Group A, Subgroup 2
------
+25°C; hFE, ICBO IEBO
Delta Limits
------
∆hFE = ±25%
∆ICBO = ±50 nA or ±100%,
whichever is greater
Percent Defective Allowable
(PDA)
------
10% maximum applies to
Final Electrical and Deltas
Hermeticity - Fine Leak
- Gross Leak
1071
1071
Condition H1
Condition C or K
External Visual
2071
Group A Inspection
Subgroup1, Sample 22/0
Subgroup 3, Sample = 116/0
Subgroup 4, Sample = 116/0
Subgroup 5, 6 & 7 are not applicable
------
Subgroup 1, Visual Mechanical
Subgroup 3, hFE @ -55°C, ICBO @ +150°C
Subgroup 4, NFo & G
A @ +25°C
Marking - Dot units near pin 1
(blue) unless directed otherwise
Shipment Packaging
10 per strip
Marking: Manufacturer’s marking (if applicable) will remain on devices. TMS individual packaging will be
labeled with TMSPart Number and manufacturer date code. TMS shipment date code will appear on outer
label and C of C. Certificate of Conformance (C of C) will be sent with each shipment. This document provides
objective evidence of TMS testing and documents traceability to manufacturers wafer/lot identification.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com