Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN73N30Q Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN73N30Q
Description  HiPerFET Power MOSFETs Q-Class
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN73N30Q Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN73N30Q Datasheet HTML 1Page - IXYS Corporation IXFN73N30Q Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2001 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
300
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
300
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C
73
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
292
A
I
AR
T
C
= 25
°C
73
A
E
AR
T
C
= 25
°C
60
mJ
E
AS
2.5
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
500
W
T
J
-55 to +150
°C
T
JM
150
°C
T
stg
-55 to +150
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque
1.5/13
Nm/lb.in.
Terminalconnectiontorque
1.5/13
Nm/lb.in.
Weight
30
g
N-Channel Enhancement Mode
Avalanche Rated, Low Q
g, High dv/dt
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 1 mA
300
V
V
GS(th)
V
DS
= V
GS, ID = 4 mA
2.0
4.0
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100
nA
I
DSS
V
DS
= V
DSS
T
J
= 25
°C
100
µA
V
GS
= 0 V
T
J
= 125
°C2
mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 ID25
42
m
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
HiPerFETTM
Power MOSFETs
Q-Class
S
G
S
D
miniBLOC, SOT-227 B (IXFN)
E153432
Features
IXYS advanced low Q
g process
Low gate charge and capacitances
- easier to drive
-faster switching
Unclamped Inductive Switching (UIS)
rated
Low R
DS (on)
Fast intrinsic diode
International standard package
miniBLOC with Aluminium nitride
isolation for low thermal resistance
Low terminal inductance (<10 nH) and
stray capacitance to heatsink (<35pf)
Molding epoxies meet UL 94 V-0
flammability classification
Applications
DC-DC converters
Battery chargers
Switched-mode and resonant-mode
power supplies
DC choppers
Temperature and lighting controls
Advantages
Easy to mount
Space savings
High power density
G = Gate
D = Drain
S = Source
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
98742A (12/01)
V
DSS
=
300
V
I
D25
=
73
A
R
DS(on)
=
42 m
t
rr
≤≤≤≤ 250 ns
IXFN 73N30Q
Preliminary data sheet


Similar Part No. - IXFN73N30Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN73N30 IXYS-IXFN73N30 Datasheet
131Kb / 4P
HiPerFET Power MOSFETs
More results

Similar Description - IXFN73N30Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH16N90Q IXYS-IXFH16N90Q Datasheet
72Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFX73N30Q IXYS-IXFX73N30Q Datasheet
98Kb / 2P
HiPerFET Power MOSFETs Q-CLASS
98984 IXYS-98984 Datasheet
92Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFH13N80Q IXYS-IXFH13N80Q Datasheet
51Kb / 2P
HiPerFET Power MOSFETs Q Class
IXFH15N100Q IXYS-IXFH15N100Q Datasheet
137Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFB80N50Q2 IXYS-IXFB80N50Q2 Datasheet
172Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFK24N90Q IXYS-IXFK24N90Q Datasheet
87Kb / 2P
HiPerFET Power MOSFETs Q-CLASS
IXFH80N15Q IXYS-IXFH80N15Q Datasheet
125Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFH20N60Q IXYS-IXFH20N60Q Datasheet
153Kb / 4P
HiPerFET Power MOSFETs Q-Class
IXFH26N55Q IXYS-IXFH26N55Q Datasheet
128Kb / 2P
HiPerFET Power MOSFETs Q-Class
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com