Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

91007E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 91007E3
Description  Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

91007E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  91007E3 Datasheet HTML 1Page - Vishay Siliconix 91007E3 Datasheet HTML 2Page - Vishay Siliconix 91007E3 Datasheet HTML 3Page - Vishay Siliconix 91007E3 Datasheet HTML 4Page - Vishay Siliconix 91007E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
220 EDLC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 20-Oct-16
3
Document Number: 28421
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 3
Notes
(1) UCT = rated voltage at upper category temperature
(2) Rated capacitance CR and ESRDC
Notes
• General remark: temperatures to be measured at capacitor case
(1) Conditions: electrical measurements at 20 °C, unless otherwise specified
(2) Rated capacitance CR and ESRDC
ELECTRICAL DATA AND ORDERING INFORMATION FOR POWER VERSION
UR
(V)
UCT (1)
(V)
US
(V)
(< 1 s)
CR (2)
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
MAX.
ESRDC (2)
INITIAL
(m
)
MAX.
ESRAC
INITIAL,
1 kHz
(m
)
IP
MAX.
PEAK
CURRENT
(A)
IL
MAX.
LEAKAGE
CURRENT
AFTER
STORED
ENERGY
E AT UR
(Wh)
SPECIFIC
ENERGY
Ed AT UR
(Wh/kg)
ORDERING
CODE
MAL2220.......
(mA) (μA)
65 °C
85 °C
65 °C 85 °C 0.5 h 72 h 65 °C 85 °C 65 °C 85 °C
2.7
2.3
2.85
20 000 000
16 x 20
24
18
25
20
8
75
0.020 0.015
3.4
2.3
91003E3
2.7
2.3
2.85
25 000 000
16 x 25
22
16
25
20
8
75
0.025 0.018
3.2
2.3
91006E3
2.7
2.3
2.85
25 000 000
18 x 20
20
15
25
20
8
75
0.025 0.018
3.6
2.6
91004E3
2.7
2.3
2.85
30 000 000
18 x 25
19
13
30
25
12
140 0.030 0.022
3.0
2.2
91007E3
2.7
2.3
2.85
35 000 000
16 x 31
20
14
30
25
15
200 0.035 0.026
3.8
2.9
91002E3
2.7
2.3
2.85
40 000 000
18 x 31
18
12
35
30
20
200 0.041 0.029
4.1
3.0
91001E3
2.7
2.3
2.85
50 000 000
18 x 35
15
10
35
30
25
250 0.051 0.037
3.5
2.6
91008E3
2.7
2.3
2.85
60 000 000
18 x 40
13
9
35
30
30
300 0.061 0.044
3.7
2.7
91009E3
TEST PROCEDURES AND REQUIREMENTS (1)
NAME OF TEST
PROCEDURE
(quick reference)
Capacitance CR and ESRDC
Measured by DC discharging method as described in “Measuring of Characteristics”. (2)
Maximum peak current
Non-repetitive current for maximum 1 s at specified operating temperature.
Maximum operating voltage (refer to derating table) must not be exceeded.
Usually to be tested with constant current discharge from UR to 0.5 x UR. 
Maximum current should not be used in normal operation and is only provided as reference value.
Leakage current IL
Measured at UR. Capacitor is charged to the rated voltage at 20 °C. Leakage current is the current at specified
time that is required to keep the capacitor charged at the rated voltage.
Endurance
After loading the capacitor the specified time at maximum category temperature TMAX. and related permissible
maximum operating voltage UR:
Capacitance
Within ± 30 % of minimum initial specified value
ESR
Less than 3 x initial specified value
Leakage
Within specified value
Useful life
After loading the capacitor the specified time at maximum category temperature TMAX. and related permissible
maximum operating voltage UR:
Capacitance
Within ± 30 % of minimum initial specified value
ESR
Less than 3 x initial specified value
Leakage
Within specified value
Storage at upper
category temperature
After loading the capacitor the specified time at maximum storage temperature TMAX. without charge and
under 40 % RH:
Capacitance
Within ± 30 % of minimum initial specified value
ESR
Less than 3 x initial specified value
Leakage
Within specified value
Shelf life
Stored uncharged at 20 °C.
Parameter within initial specification
Cycle life
Cycles at 20 °C between rated voltage and half of rated voltage UR with constant current 3 A and 1 s rest
between charge and discharge: > 500 000 cycles
Capacitance
Within ± 30 % of minimum initial specified value
ESR
Less than 3 x initial specified value
Stored energy E,
specific energy Ed and Ev
E [Wh] = ½ x C x (UR)2 x 1/3600
Ed [Wh/kg] = ½ x C x (UR)2 x 1/3600 x 1/mass
Ev [Wh/L] = ½ x C x (UR)2 x 1/3600 x 1/volume
Soldering
Hand or wave soldering allowed. For details refer to soldering requirements for radial aluminum electrolytic
capacitors in supplementary document.
Cleaning
For printed circuit board cleaning apply non-aggressive cleaning agents only.
For details refer to cleaning requirements for aluminum electrolytic capacitors in supplementary document.
Environmental conditions
Do not expose capacitors to
• temperatures outside specified range
• high humidity atmospheres
• corrosive atmospheres, e.g. halogenides, sulphurous or nitrous gases, acid or alkaline solutions, etc.
• environments containing oil and grease



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com