Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAT30F4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAT30F4
Description  Negligible switching losses
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30F4 Datasheet(HTML) 1 Page - STMicroelectronics

  BAT30F4 Datasheet HTML 1Page - STMicroelectronics BAT30F4 Datasheet HTML 2Page - STMicroelectronics BAT30F4 Datasheet HTML 3Page - STMicroelectronics BAT30F4 Datasheet HTML 4Page - STMicroelectronics BAT30F4 Datasheet HTML 5Page - STMicroelectronics BAT30F4 Datasheet HTML 6Page - STMicroelectronics BAT30F4 Datasheet HTML 7Page - STMicroelectronics BAT30F4 Datasheet HTML 8Page - STMicroelectronics BAT30F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
February 2016
DocID025780 Rev 5
1/10
BAT30F4
Small signal Schottky diodes
Datasheet
production data
Features
 Very low conduction losses
 Negligible switching losses
 0201 package
 Low capacitance diode
 ECOPACK®2 and RoHS compliant component
Description
The BAT30F4 uses 30 V Schottky barrier diodes
in a 0201 package. This device is intended to be
used in smartphones, and is especially suited for
rail to rail protection where its low forward voltage
drop will help designers to get an efficient
protection of their ICs.
Figure 1. Pin configuration and marking
Figure 2. Schematic
Table 1. Device summary
Symbol
Value
VRRM
30 V
Tj (max)
85 °C
IF
300 mA
4
A
B
www.st.com


Similar Part No. - BAT30F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT30F4 STMICROELECTRONICS-BAT30F4 Datasheet
220Kb / 11P
30 V signal Schottky diode
08-Sep-2021
BAT30F4 STMICROELECTRONICS-BAT30F4_V01 Datasheet
220Kb / 11P
30 V signal Schottky diode
08-Sep-2021
More results

Similar Description - BAT30F4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4045DPBF IRF-IRGB4045DPBF_15 Datasheet
387Kb / 10P
Low Switching Losses
logo
HY ELECTRONIC CORP.
HYG15P120A1K1 HY-HYG15P120A1K1 Datasheet
1Mb / 8P
low switching losses
HYG30P120H1K1 HY-HYG30P120H1K1 Datasheet
1Mb / 8P
low switching losses
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
low switching losses and saturation losses
logo
International Rectifier
AUIRGDC0250 IRF-AUIRGDC0250 Datasheet
305Kb / 11P
Low Switching Losses
logo
Sangdest Microelectroni...
BAT54 SMC-BAT54 Datasheet
221Kb / 5P
Negligible switching losses
logo
STMicroelectronics
BYW80F STMICROELECTRONICS-BYW80F Datasheet
361Kb / 7P
Negligible switching losses
Jan-2002
STTH110-Y STMICROELECTRONICS-STTH110-Y Datasheet
222Kb / 7P
Negligible switching losses
05-Feb-2014
STTH208-Y STMICROELECTRONICS-STTH208-Y Datasheet
221Kb / 7P
Negligible switching losses
04-Feb-2014
logo
Littelfuse
MG12150S-DEN2MM LITTELFUSE-MG12150S-DEN2MM Datasheet
1Mb / 5P
Low switching losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com