Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSL03 Datasheet(PDF) 2 Page - STMicroelectronics

Part # DSL03
Description  Low capacitance TVS for high speed lines such as xDSL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL03 Datasheet(HTML) 2 Page - STMicroelectronics

  DSL03 Datasheet HTML 1Page - STMicroelectronics DSL03 Datasheet HTML 2Page - STMicroelectronics DSL03 Datasheet HTML 3Page - STMicroelectronics DSL03 Datasheet HTML 4Page - STMicroelectronics DSL03 Datasheet HTML 5Page - STMicroelectronics DSL03 Datasheet HTML 6Page - STMicroelectronics DSL03 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
DSL03
2/7
DocID022325 Rev 2
1
Characteristics
Table 1. Absolute ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Vpp
Peak pulse voltage
IEC 61000-4-5 contact discharge
30
kV
Ipp
Peak pulse current
8/20µs
16
A
Tstg
Tj
Storage temperature range
Operating junction temperature range
-55 to 150
-40 to 125
°C
°C
TL
Maximum temperature for soldering during 10s
260
°C
Table 2. Electrical characteristics (Tamb = 25 °C)
Order code
IRM @ VRM
I/O to I/O
VBR @ IBR
I/O to I/O
VCL @ IPP
8/20 µs
I/O to I/O
C
I/O to I/O
C
I/O to I/O
ΔC
I/O to I/O
Max.
µA
V
Min
V
mA
Max.
V
A
typ. (1)
pF
max.(1)
pF
typ.(2)
pF
DSL03-010SC6
0.2
10
10.5
1
29
16
0.5
3
0.2
DSL03-022SC6
0.2
22
25
1
52
16
0.5
3
0.2
DSL03-024SC6
0.2
24
28
1
55
16
0.5
3
0.2
1. Test conditions: VR = 2 V bias, VRMS = 1 V, F = 1 MHz
2. Measured between 1 V and VRM
Figure 2. Peak pulse power dissipation versus
initial junction temperature (typical values,
8/20µs)
Figure 3. Leakage current versus junction
temperature (typical values)
0
100
200
300
400
500
600
700
800
900
1000
0
25
50
75
100
125
150
Ppp (W)
8/20 µs
Tj(°C)
1.E+00
1.E+01
1.E+02
1.E+03
25
50
75
100
125
T
j(°C)
VR=VRM
(nA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com