Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LPS35HW Datasheet(PDF) 5 Page - STMicroelectronics

Part # LPS35HW
Description  Embedded temperature compensation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS35HW Datasheet(HTML) 5 Page - STMicroelectronics

  LPS35HW Datasheet HTML 1Page - STMicroelectronics LPS35HW Datasheet HTML 2Page - STMicroelectronics LPS35HW Datasheet HTML 3Page - STMicroelectronics LPS35HW Datasheet HTML 4Page - STMicroelectronics LPS35HW Datasheet HTML 5Page - STMicroelectronics LPS35HW Datasheet HTML 6Page - STMicroelectronics LPS35HW Datasheet HTML 7Page - STMicroelectronics LPS35HW Datasheet HTML 8Page - STMicroelectronics LPS35HW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
LPS35HW
List of figures
DocID029129 Rev 1
5/48
List of figures
Figure 1: Block diagram ..............................................................................................................................6
Figure 2: Pin connections (bottom view).....................................................................................................6
Figure 3: SPI slave timing diagram ...........................................................................................................10
Figure 4: I2C slave timing diagram ...........................................................................................................11
Figure 5: Pressure readings .....................................................................................................................14
Figure 6: Bypass mode .............................................................................................................................15
Figure 7: FIFO mode.................................................................................................................................16
Figure 8: Stream mode .............................................................................................................................17
Figure 9: Dynamic-Stream mode..............................................................................................................18
Figure 10: Stream-to-FIFO mode .............................................................................................................18
Figure 11: Bypass-to-Stream mode..........................................................................................................19
Figure 12: Bypass-to-FIFO mode .............................................................................................................20
Figure 13: LPS35HW electrical connections (top view)............................................................................21
Figure 14: Read and write protocol...........................................................................................................25
Figure 15: SPI read protocol .....................................................................................................................26
Figure 16: Multiple byte SPI read protocol (2-byte example) ...................................................................27
Figure 17: SPI write protocol ....................................................................................................................27
Figure 18: Multiple byte SPI write protocol (2-byte example) ...................................................................27
Figure 19: SPI read protocol in 3-wire mode ............................................................................................28
Figure 20: "Threshold based" interrupt event ...........................................................................................32
Figure 21: Interrupt events on INT_DRDY pin..........................................................................................36
Figure 22: Ceramic CCLGA 10L package outline ....................................................................................44
Figure 23: CCLGA - 10L (3.5 x 3.5 x 1.85 mm) water resistance details .................................................45
Figure 24: Carrier tape information for CCLGA10L package ...................................................................45
Figure 25: CCLGA10L tape and reel package orientation........................................................................46
Figure 26: Reel information carrier tape CCLGA10L package .................................................................46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com