Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM303D Datasheet(PDF) 10 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 6Page - STMicroelectronics LSM303D Datasheet HTML 7Page - STMicroelectronics LSM303D Datasheet HTML 8Page - STMicroelectronics LSM303D Datasheet HTML 9Page - STMicroelectronics LSM303D Datasheet HTML 10Page - STMicroelectronics LSM303D Datasheet HTML 11Page - STMicroelectronics LSM303D Datasheet HTML 12Page - STMicroelectronics LSM303D Datasheet HTML 13Page - STMicroelectronics LSM303D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Module specifications
LSM303D
10/52
DocID023312 Rev 2
2
Module specifications
2.1
Sensor characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted (a).
a. The product is factory calibrated at 2.5 V. The operational power supply range is from 2.16 V to 3.6 V.
Table 3. Sensor characteristics
Symbol
Parameter
Test conditions
Min. Typ.(1) Max.
Unit
LA_FS
Linear acceleration
measurement range(2)
±2
g
±4
±6
±8
±16
M_FS
Magnetic measurement range
±2
gauss
±4
±8
±12
LA_So
Linear acceleration sensitivity
Linear acceleration FS = ±2 g
0.061
mg/LSB
Linear acceleration FS = ±4 g
0.122
Linear acceleration FS = ±6 g
0.183
Linear acceleration FS = ±8 g
0.244
Linear acceleration FS = ±16 g
0.732
M_So
Magnetic sensitivity
Magnetic FS = ±2 gauss
0.080
mgauss/
LSB
Magnetic FS = ±4 gauss
0.160
Magnetic FS = ±8 gauss
0.320
Magnetic FS = ±12 gauss
0.479
LA_TCSo
Linear acceleration sensitivity
change vs. temperature
±0.01
%/°C
M_TCSo
Magnetic sensitivity change vs.
temperature
±0.05
%/°C
LA_TyOff
Linear acceleration typical zero-
g level offset accuracy(3),(4)
±60
m
g
LA_TCOff
Linear acceleration zero-g level
change vs. temperature
Max delta from 25 °C
±0.5
m
g/°C
LA_An
Linear acceleration noise density
Linear acceleration FS = 2g;
ODR = 100 Hz
150
M_R
Magnetic noise density
Magnetic FS = 2 gauss;
LR setting
CTRL5 (M_RES [1,0]) = 00b
5
mgauss/
RMS
ug
Hz




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com