Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP23AB01DH Datasheet(PDF) 1 Page - STMicroelectronics

Part # MP23AB01DH
Description  Omnidirectional sensitivity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23AB01DH Datasheet(HTML) 1 Page - STMicroelectronics

  MP23AB01DH Datasheet HTML 1Page - STMicroelectronics MP23AB01DH Datasheet HTML 2Page - STMicroelectronics MP23AB01DH Datasheet HTML 3Page - STMicroelectronics MP23AB01DH Datasheet HTML 4Page - STMicroelectronics MP23AB01DH Datasheet HTML 5Page - STMicroelectronics MP23AB01DH Datasheet HTML 6Page - STMicroelectronics MP23AB01DH Datasheet HTML 7Page - STMicroelectronics MP23AB01DH Datasheet HTML 8Page - STMicroelectronics MP23AB01DH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2016
DocID030017 Rev 1
1/12
This is information on a product in full production.
www.st.com
MP23AB01DH
High-performance MEMS audio sensor:
fully differential analog bottom-port microphone
Datasheet - production data
Features
Single supply voltage operation
Fully differential output
Omnidirectional sensitivity
High signal-to-noise ratio
High bandwidth
Package compliant with reflow soldering
High RF immunity
ECOPACK®, RoHS, and “Green” compliant
Description
The MP23AB01DH is a compact, low-power
microphone built with a capacitive sensing
element and an IC interface.
The sensing element, capable of detecting
acoustic waves, is manufactured using a
specialized silicon micromachining process to
produce audio sensors.
The MP23AB01DH has sensitivity of 38 dB
±1 dB, an acoustic overload point of 135 dBSPL
with minimum 65 dB signal-to-noise ratio.
The MP23AB01DH has fully differential output in
order to minimize common mode noise.
The MP23AB01DH is available in a package
compliant with reflow soldering and is guaranteed
to operate over an extended temperature range
from -40 °C to +85 °C.
Table 1: Device summary
Order code
Temp.
range (°C)
Package
Packing
MP23AB01DH
-40 to +85
(3.35 x 2.5 x 0.98) mm
Tray
MP23AB01DHTR
-40 to +85
(3.35 x 2.5 x 0.98) mm
Tape and
reel


Similar Part No. - MP23AB01DH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP23AB01DH STMICROELECTRONICS-MP23AB01DH Datasheet
274Kb / 12P
High-performance MEMS audio sensor: fully differential analog bottom-port microphone
31-Aug-2017
MP23AB01DHTR STMICROELECTRONICS-MP23AB01DHTR Datasheet
274Kb / 12P
High-performance MEMS audio sensor: fully differential analog bottom-port microphone
31-Aug-2017
MP23AB01DH STMICROELECTRONICS-MP23AB01DH_V01 Datasheet
274Kb / 12P
High-performance MEMS audio sensor: fully differential analog bottom-port microphone
31-Aug-2017
More results

Similar Description - MP23AB01DH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP441 AD-ADMP441 Datasheet
357Kb / 16P
Omnidirectional Microphone
REV. A
logo
List of Unclassifed Man...
DELTA-11 ETC2-DELTA-11 Datasheet
465Kb / 2P
Omnidirectional
logo
Pulse A Technitrol Comp...
RO5805NM PULSE-RO5805NM Datasheet
993Kb / 2P
Omnidirectional Antenna
logo
Laird Tech Smart Techno...
S2451DBT LSTD-S2451DBT Datasheet
858Kb / 1P
Vertically polarized omnidirectional
logo
STMicroelectronics
MP23AB02B STMICROELECTRONICS-MP23AB02B Datasheet
526Kb / 12P
Omnidirectional sensitivity
22-Sep-2014
STEVAL-MKI155V1 STMICROELECTRONICS-STEVAL-MKI155V1 Datasheet
208Kb / 4P
Omnidirectional sensitivity
13-Feb-2015
logo
OSRAM GmbH
GWT3LMF1.EM OSRAM-GWT3LMF1.EM Datasheet
1Mb / 18P
Omnidirectional retrofits
GWT3LSF1.EM OSRAM-GWT3LSF1.EM Datasheet
1Mb / 18P
Omnidirectional retrofits
GWP7LL31.CM OSRAM-GWP7LL31.CM Datasheet
1Mb / 24P
Omnidirectional retrofits
GWT3LPF1.EM OSRAM-GWT3LPF1.EM Datasheet
5Mb / 20P
Omnidirectional retrofits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com