Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPV1520 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPV1520
Description  20 V reverse voltage cool bypass switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1520 Datasheet(HTML) 1 Page - STMicroelectronics

  SPV1520 Datasheet HTML 1Page - STMicroelectronics SPV1520 Datasheet HTML 2Page - STMicroelectronics SPV1520 Datasheet HTML 3Page - STMicroelectronics SPV1520 Datasheet HTML 4Page - STMicroelectronics SPV1520 Datasheet HTML 5Page - STMicroelectronics SPV1520 Datasheet HTML 6Page - STMicroelectronics SPV1520 Datasheet HTML 7Page - STMicroelectronics SPV1520 Datasheet HTML 8Page - STMicroelectronics SPV1520 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
October 2015
DocID023610 Rev 2
1/12
This is preliminary information on a new product now in development
or undergoing evaluation. Details are subject to change without notice.
www.st.com
SPV1520
20 V reverse voltage cool bypass switch
Datasheet - preliminary data
Features
Maximum forward current IF up to 16 A
Maximum reverse recovery mode VR up to
20 V
Very low forward voltage drop:
VF = 120 mV @ IF = 10 A, TAMB =125 °C
Ultra low reverse leakage current:
IR
= 100 μA @ VR = 20 V, TAMB =125 °C
ESD HBM level (JESD22-A114) up to 8 kV
Surge test level (IEC61000-4-5) up to 2 kV
Junction temperature range TJ : -40 °C to
150 °C
Applications
Photovoltaic panels
Solar farm
Description
The SPV1520 is a cool bypass switch with a very
low forward voltage drop and ultra low reverse
leakage current. The former drastically reduces
the power dissipation in bypass mode and
prolongs the lifetime of the device, by reducing
maintenance costs and shutdown due to a device
failure. The latter allows the device to work at
very high temperature avoiding thermal runaway
phenomenon. These are clearly key benefits for
all those applications requiring low power
consumption to increase the system lifetime and
maximize the power transfer from harvesting
source to the load. For all these reasons and the
strong ESD robustness, the cool bypass switch is
the significant evolution with respect to the
traditional standard Schottky diode.
Table 1: Device summary
Order code
Operating temperature range
Package
Packing
SPV1520N
-40 to 125 °C
VFQFPN (6x5x0.75) 8L
Tape and reel


Similar Part No. - SPV1520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPV1001 STMICROELECTRONICS-SPV1001 Datasheet
315Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1001D40 STMICROELECTRONICS-SPV1001D40 Datasheet
315Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1001D40 STMICROELECTRONICS-SPV1001D40 Datasheet
305Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1001D40TR STMICROELECTRONICS-SPV1001D40TR Datasheet
315Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1001D40TR STMICROELECTRONICS-SPV1001D40TR Datasheet
305Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
More results

Similar Description - SPV1520

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3233 AD-ADG3233 Datasheet
271Kb / 12P
Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV.0
logo
STMicroelectronics
SPV1001N40 STMICROELECTRONICS-SPV1001N40 Datasheet
211Kb / 9P
Cool bypass switch for photovoltaic applications
16-Nov-2011
SPV1002D40 STMICROELECTRONICS-SPV1002D40 Datasheet
302Kb / 12P
Cool bypass switch for photovoltaic applications
17-Nov-2011
SPV1001T40 STMICROELECTRONICS-SPV1001T40 Datasheet
305Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
logo
Analog Devices
ADG3233BRJ AD-ADG3233BRJ Datasheet
292Kb / 16P
Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
logo
STMicroelectronics
SPV1001 STMICROELECTRONICS-SPV1001 Datasheet
315Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1002 STMICROELECTRONICS-SPV1002 Datasheet
302Kb / 12P
Cool bypass switch for photovoltaic applications
17-Nov-2011
SPV1001N30 STMICROELECTRONICS-SPV1001N30 Datasheet
211Kb / 9P
Cool bypass switch for photovoltaic applications
16-Nov-2011
logo
Analog Devices
ADG3233 AD-ADG3233_15 Datasheet
292Kb / 16P
Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3233 AD-ADG3233_V01 Datasheet
380Kb / 16P
Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com