Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEVAL-SPDC01V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-SPDC01V1
Description  10 A DC-DC high density PoL convert module demonstration boards based on the SPDC12L00010
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SPDC01V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-SPDC01V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-SPDC01V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-SPDC01V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-SPDC01V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Circuit schematic
STEVAL-SPDC01V1, STEVAL-SPDC01V2
2/4
Doc ID 15611 Rev 2
1
Circuit schematic
Figure 1.
Schematic diagram
VIN
PGND
VOUT
N.C.
PGND
GATE
DRAIN
T1
N.M.
T1
N.M.
R11
N.M.
R11
N.M.
C8
N.M.
C8
N.M.
C4
N.M.
C4
N.M.
C1
4.7µF
16V
C1
4.7µF
16V
C3
N.M.
C3
N.M.
C5
330µF
6.3V
C5
330µF
6.3V
C6
330µF
6.3V
C6
330µF
6.3V
U1
SPDC12L00010
U1
SPDC12L00010
VIN
BANK1
VOUT
BANK3
PH
BANK4
C7
N.M.
C7
N.M.
C2
270µF
16V
C2
270µF
16V
AM03798v1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com