Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MTD492 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MTD492
Description  Coaxial Transceiver Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTD492 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MTD492 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTD492 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MYSON
TECHNOLOGY
MTD492
MTD492 Revision 3.5 01/07/1997
6/8
5.0 ELECTRICAL CHARACTERISTICS (under operating conditions) (Note 1)
OPERATING CONDITIONS
DC Supply Voltage (VEE)
8.55-9.45V
Operating Temperature
0o to 70oC
Parameter
Symbol
Min
Typ
Max
Unit
Recommended Supply Voltage
VEE
-8.55
-9.0
-9.45
V
Supply Current (all VEE pins) Non-transmission
IEEidle
-
-25
-35
mA
Transmission
IEExmt
-
-70
-80
mA
Receiver Input Bias Current (RXI)
Irxi
-2
-
+25
µA
Transmission Output DC Current (TXO)
Itdc
37
41
45
mA
Transmission Output AC Current (TXO)
Itac
+28
-
Itdc
mA
Collision Threshold (Reception Mode)
Vcd
-1.45
-1.53
-1.62
V
Carrier Sense Threshold (RXI)
Vcs
-0.38
-0.45
-0.52
V
Differential Output Voltage (RX+,CD+)
Vod
+500
-
+1500
mV
DC Common Mode Output Voltage (RX+)
Vocrx
-1.0
-2.0
-3.0
V
DC Common Mode Output Voltage (CD+) (Note 2)
Voccd
VEE
VEE
VEE
V
Idle State Differential Offset Voltage(RX+,CD+)
Vob
-
0
+40
mV
Transmission Squelch Threshold(TX+) (Note 3)
Vts
-175
-225
-300
mV
Input Capacitance (RXI)
Cx
-
1.5
-
pF
Shunt Resistance - Non-transmission
Rrxi
100
-
-
k
Shunt Resistance - Transmission
Rtxo
10
-
-
k
Notes: 1. Testing is done under the testing load defined in Figure 6.
2. During an idle condition, Voc is pulled down to VEE to minimize the power dissipation across the
load resistors connected to CD+pins.
3. Tested under continuous 5MHz waveform that represents the preamble.
6.0 SWITCHING CHARACTERISTICS (under operating conditions) (Note 1)
Parameter
Symbol
Min
Typ
Max
Unit
Reception Start-up Delay (RXI to RX+)
Tron
-
2.5
5
bits
Reception Propagation Delay (RXI to RX+)
Trd
-
35
50
ns
Differential Output Rise Time (RX+,CD+)
Trr
-
4
7
ns
Differential Output Fall Time (RX+,CD+)
Trf
-
4
7
ns
Receiver and Cable Total Jitter
Trj
-
+2
-ns
Transmission Start-up Delay
Ttst
-
1
2
bits
Transmission Propagation Delay
Ttd
-
25
50
ns
Transmission Rise Time (10%-90%) (TXO)
Ttr
20
25
30
ns
Transmission Fall Time (10%-90%) (TXO)
Ttf
20
25
30
ns
Ttr and Trf Mismatch
Ttm
-
+0.5
+3.0
ns
Transmission Skew(TXO)
Tts
-
+0.5
+2
ns
Transmission Turn-on Pulse Width at Vts(TX+) (Note 4)
Tton
10
20
40
ns
Transmission Turn-off Delay
Ttoff
130
200
260
ns
Transmission IDL Detection Time (Note 5)
Ttidl
130
170
200
ns
Collision Turn-on Delay
Tcon
-
7
13
bits
Collision Turn-off Delay
Tcoff
-
-
20
bits



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com