| Electronic Components Datasheet Search |
|
NSC800N Datasheet(PDF) 25 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
NSC800N Datasheet(HTML) 25 Page - National Semiconductor (TI) |
|
25 / 76 page ![]() NSC800 SOFTWARE 100 Introduction This chapter provides the reader with a detailed description of the NSC800 software Each NSC800 instruction is de- scribed in terms of opcode function flags affected timing and addressing mode 110 Addressing Modes The following sections describe the addressing modes sup- ported by the NSC800 Note that particular addressing modes are often restricted to certain types of instructions Examples of instructions used in the particular addressing modes follow each mode description The 10 addressing modes and 158 instructions provide a flexible and powerful instruction set 111 REGISTER The most basic addressing mode is that which addresses data in the various CPU registers In these cases bits in the opcode select specific registers that are to be addressed by the instruction Example Instruction Load register B from register C Mnemonic LD BC Opcode TLC5171 – 50 In this instruction both the B and C registers are addressed by opcode bits 112 IMPLIED The implied addressing mode is an extension to the register addressing mode In this mode a specific register the accu- mulator is used in the execution of the instruction In partic- ular arithmetic operations employ implied addressing since the A register is assumed to be the destination register for the result without being specifically referenced in the op- code Example Instruction Subtract the contents of register D from the Accumulator (A register) Mnemonic SUB D Opcode TLC5171 – 51 In this instruction the D register is addressed with register addressing while the use of the A register is implied by the opcode 113 IMMEDIATE The most straightforward way of introducing data to the CPU registers is via immediate addressing where the data is contained in an additional byte of multi-byte instructions Example Instruction Load the E register with the constant value X’7C Mnemonic LD EX’7C Opcode TLC5171 – 52 In this instruction the E register is addressed with register addressing while the constant X’7C is immediate data in the second byte of the instruction 114 IMMEDIATE EXTENDED As immediate addressing allows 8 bits of data to be sup- plied by the operand immediate extended addressing al- lows 16 bits of data to be supplied by the operand These are in two additional bytes of the instruction Example Instruction Load the 16-bit IX register with the constant value X’ABCD Mnemonic LD IXX’ABCD Opcode TLC5171 – 53 In this instruction register addressing selects the IX regis- ter while the 16-bit quanity X’ABCD is immediate data sup- plied as immediate extended format 25 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |