Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE16M31PX Datasheet(PDF) 52 Page - STMicroelectronics

Part # STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 48Page - STMicroelectronics STMPE16M31PX Datasheet HTML 49Page - STMicroelectronics STMPE16M31PX Datasheet HTML 50Page - STMicroelectronics STMPE16M31PX Datasheet HTML 51Page - STMicroelectronics STMPE16M31PX Datasheet HTML 52Page - STMicroelectronics STMPE16M31PX Datasheet HTML 53Page - STMicroelectronics STMPE16M31PX Datasheet HTML 54Page - STMicroelectronics STMPE16M31PX Datasheet HTML 55Page - STMicroelectronics STMPE16M31PX Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
Touch sensor controller
STMPE16M31PX
52/75
Doc ID 17058 Rev 2
CAP_SEN_CTRL
Capacitive sensor control register
Address:
0x70
Type:
RW
Reset:
0x00
Description:
This register controls the capacitive sensor’s operation.
76
543
210
CS_EN
HYS
ForcedAT
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7] CS_EN
Write ‘1’ to enable the capacitive sensor module
Write ‘0’ to disable the capacitive sensor module
This bit should be set after all other touch sensor setting have been written. The changes in
other setting when this bit is ‘1’ is not allowed.
If ratio-engine or key-filter unit is used, this bit should only be set, after ratio-engine and key-
filter unit has been configured.
[6:1] HYS
TVR Hysteresis
When there is no touch, the value of TVR is used as threshold to determine touch condition.
If touch is detected, the touch detection threshold is changed to TVR-(HYS*4), hence the
effective value of hysteresis is 0-256.
[0] ForcedAT
Write ‘1’ to initiate unconditional forced auto-tuning to center the static impedance value in the
dynamic range. Prior sending this command, the calibration model must be set to mode ‘10’
with auto-tuning enabled.
Read ‘1’ if the auto-tuning process in progress
Read ‘0’ if the auto-tuning process has been completed.
It is required that upon start up the system, this command is called once.
When the auto-tuning is executed in the presence of finger on the sensor, the ‘touch’ status will
become ‘no-touch’ after completion of the process. Once finger is removed, the auto-calibration
will take care of this situation allowing the detection of next ‘touch’ event.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com