Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE321QTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STMPE321QTR
Description  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321QTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STMPE321QTR Datasheet HTML 16Page - STMicroelectronics STMPE321QTR Datasheet HTML 17Page - STMicroelectronics STMPE321QTR Datasheet HTML 18Page - STMicroelectronics STMPE321QTR Datasheet HTML 19Page - STMicroelectronics STMPE321QTR Datasheet HTML 20Page - STMicroelectronics STMPE321QTR Datasheet HTML 21Page - STMicroelectronics STMPE321QTR Datasheet HTML 22Page - STMicroelectronics STMPE321QTR Datasheet HTML 23Page - STMicroelectronics STMPE321QTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Interrupt controller module
STMPE321
20/40
Doc ID 15791 Rev 3
INT_STA
Interrupt status register
Address:
0x0A
Type:
R/W
Reset:
0x09
Description:
This register is used to enable the interruption from a system related interrupt source
to the host. Regardless of whether or not the IESYSIOR bits are enabled, the
ISSYSIOR bits are still updated. Writing ‘1’ clears a bit in this register. Writing ‘0’ has
no effect.
76
543
2
1
0
GPIO
RESERVED
GEN
FIFO
POR
[7] GPIO:
One or more level transition in enabled GPIOs
[6:3] RESERVED:
Some of these bits might be set to '1' by hardware during normal operation. The content of
these bit is for internal operation and are not required for normal use of device.
[2] GEN:
System INT (A2I, IA2, EOC)
[1] FIFO:
Data available in FIFO
[0] POR:
Power-on reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com