Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPTIC-27G2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPTIC-27G2
Description  High linearity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-27G2 Datasheet(HTML) 2 Page - STMicroelectronics

  STPTIC-27G2 Datasheet HTML 1Page - STMicroelectronics STPTIC-27G2 Datasheet HTML 2Page - STMicroelectronics STPTIC-27G2 Datasheet HTML 3Page - STMicroelectronics STPTIC-27G2 Datasheet HTML 4Page - STMicroelectronics STPTIC-27G2 Datasheet HTML 5Page - STMicroelectronics STPTIC-27G2 Datasheet HTML 6Page - STMicroelectronics STPTIC-27G2 Datasheet HTML 7Page - STMicroelectronics STPTIC-27G2 Datasheet HTML 8Page - STMicroelectronics STPTIC-27G2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Electrical characteristics
STPTIC-27G2
2/11
DocID028148 Rev 1
1
Electrical characteristics
Table 1. Absolute maximum ratings (limiting values)
Symbol
Parameter
Rating
Unit
PIN
Input peak power RFIN (CW mode)/all RF ports
+40
dBm
VESD(HBM)
Human body model, JESD22-A114-B, all I/O
Class 1B(1)
1. Class 1B defined as passing 500 V, but fails after exposure to 1000V ESD pulse.
V
VESD(MM)
Machine model, JESD22-A115-A, all I/O
100
V
Tdevice
Device temperature
+125
°C
Tstg
Storage temperature
-55 to +150
Vx
Bias voltage
25
V
Table 2. Recommended operating conditions
Symbol
Parameter
Rating
Unit
Min.
Typ.
Max.
PIN
RF input power
+33
dBm
FOP
Operating frequency
700
2700
MHz
Tdevice
Device temperature
+100
°C
TOP
Operating temperature
-30
+85
VBIAS
Bias voltage
1
24
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com