Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STTH8BC060 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH8BC060
Description  helps meet the 80 efficiency requirements
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8BC060 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH8BC060 Datasheet HTML 1Page - STMicroelectronics STTH8BC060 Datasheet HTML 2Page - STMicroelectronics STTH8BC060 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2010
Doc ID 18193 Rev 1
1/3
3
STTH8BC060
600 V high voltage rectifier for BC2 topology
Features
optimized diode for BC2 topology (ST patent)
low conduction losses
improves efficiency by up to 2.5% compared to
conventional continuous mode PFC using
standard ultrafast 600 V PN diodes
performance efficiency improved by up to
0.5% compared with 600 V Schottky power
diodes with no reverse recovery charges used
in CCM PFC at 200 kHz
helps meet the 80+ efficiency requirements
supports PFC working up to 300 kHz
suitable for PFC up to 2 kW
compatible with standard PFC controller ICs
Description
The STTH8BC060 is a specific rectification diode
used in continuous mode power factor correction
working in the BC2 topology. This diode has been
especially designed for the dedicated BC2
topology. Therefore, its electrical characteristics
offer the best possible efficiency with a P-N
optimized structured diode. As a result, SMPS
efficiency growth of up to 2.5% can be produced
compared with standard ultrafast 600 V P-N
diode.
Table 1.
Device summary
Symbol
Value
I F(AV)
8 A
VRRM
600 V
TO-220AC
STTH8BC060D
K
A
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STTH8BC060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH8BC065 STMICROELECTRONICS-STTH8BC065 Datasheet
47Kb / 3P
low switching losses
05-Nov-2010
More results

Similar Description - STTH8BC060

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
UX60-MB-5ST HIROSE-UX60-MB-5ST Datasheet
218Kb / 8P
Meet requirements of USB 2.0
logo
International Rectifier
8EQ045 IRF-8EQ045 Datasheet
73Kb / 4P
The 8EQ045 Schottky rectifier has been expressly designed to meet the rigorous requirements of hi -rel environments
12CLQ150 IRF-12CLQ150 Datasheet
76Kb / 4P
The 12CLQ150 center tap Schottky rectifier has been expressly designed to meet the rigorous requirements of hi-rel environments.
logo
JMK Inc.
ZL-1906-15 JMK-ZL-1906-15 Datasheet
36Kb / 1P
The ZL-1906-15 is a 3ph, Y, filter developed to meet the requirements of MIL-STD-461E.
logo
Total Power Internation...
TPDU45 TOTAL-POWER-TPDU45 Datasheet
366Kb / 4P
MEET THE SAFETY STANDARDS
logo
TEXAS ADVANCED OPTOELEC...
LM46001PWPEVM TAOS-LM46001PWPEVM Datasheet
767Kb / 14P
evaluation module (EVM) helps designers evaluate the operation
LM46002PWPEVM TAOS-LM46002PWPEVM Datasheet
1Mb / 16P
evaluation module (EVM) helps designers evaluate the operation
logo
Ohmite Mfg. Co.
RES-TAP800 OHMITE-RES-TAP800 Datasheet
379Kb / 2P
Materials meet the requirements of UL94-V0
logo
Bel Fuse Inc.
PES2200-12-080XA BEL-PES2200-12-080XA Datasheet
1Mb / 30P
High Efficiency, meet 80 plus ?쏱latinum??efficiency requirement
PLS1600-12-080XA BEL-PLS1600-12-080XA Datasheet
1Mb / 28P
High Efficiency, meet 80 plus ?쏱latinum??efficiency requirement
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com