Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STTH310-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH310-Y
Description  Very low conduction losses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH310-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH310-Y Datasheet HTML 1Page - STMicroelectronics STTH310-Y Datasheet HTML 2Page - STMicroelectronics STTH310-Y Datasheet HTML 3Page - STMicroelectronics STTH310-Y Datasheet HTML 4Page - STMicroelectronics STTH310-Y Datasheet HTML 5Page - STMicroelectronics STTH310-Y Datasheet HTML 6Page - STMicroelectronics STTH310-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This is information on a product in full production.
February 2014
DocID025643 Rev 1
1/7
STTH310-Y
Automotive high voltage ultrafast rectifier
Datasheet
- production data
Features
• Very low conduction losses
• Negligible switching losses
• Low forward and reverse recovery times
• High junction temperature
• AEC-Q101 qualified
• ECOPACK®2 compliant component
Description
The STTH310-Y, which is using ST’s new 1000 V
planar technology, is especially suited for
switching mode base drive and transistor circuits.
The device is also intended for use as a
free wheeling diode in power supplies and other
power switching applications in automotive
functions.
K
A
SMBflat
STTH310UFY
K
A
Table 1. Device summary
Symbol
Value
IF(AV)
3 A
VRRM
1000 V
Tj (max)
175 °C
VF (typ)
0.98 V
Trr (typ)
52 ns
www.st.com


Similar Part No. - STTH310-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH310-Y STMICROELECTRONICS-STTH310-Y Datasheet
282Kb / 8P
Automotive 3 A - 1000 V ultrafast rectifier
18-Mar-2022
STTH310-Y STMICROELECTRONICS-STTH310-Y_V01 Datasheet
282Kb / 8P
Automotive 3 A - 1000 V ultrafast rectifier
18-Mar-2022
More results

Similar Description - STTH310-Y

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6609TR1 IRF-IRF6609TR1 Datasheet
264Kb / 11P
Low Conduction Losses
IRF7807D1PBF IRF-IRF7807D1PBF_15 Datasheet
173Kb / 8P
Low Conduction Losses
IRF7807VD1PBF IRF-IRF7807VD1PBF_15 Datasheet
1Mb / 9P
LOW CONDUCTION LOSSES
logo
Bruckewell Technology L...
SD10PU200 BWTECH-SD10PU200 Datasheet
415Kb / 4P
Very low conduction losses
logo
Sangdest Microelectroni...
ST30100DJF SMC-ST30100DJF Datasheet
131Kb / 4P
Very small conduction losses
logo
Vishay Siliconix
VS-GA100TS120UPBF VISHAY-VS-GA100TS120UPBF Datasheet
263Kb / 10P
Very low conduction and switching losses
26-Mar-12
VS-GA200HS60S1PBF VISHAY-VS-GA200HS60S1PBF Datasheet
154Kb / 7P
Very low conduction losses
10-Jun-15
logo
STMicroelectronics
STTH1L06-Y STMICROELECTRONICS-STTH1L06-Y Datasheet
257Kb / 9P
Low conduction losses
01-Aug-2014
STTH2L06-Y STMICROELECTRONICS-STTH2L06-Y Datasheet
231Kb / 8P
Low conduction losses
04-Aug-2014
STTH6010-Y STMICROELECTRONICS-STTH6010-Y Datasheet
210Kb / 9P
Very low conduction and switching losses
April 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com