Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7706 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7706
Description  Highly integrated tuner for AM/FM car-radio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7706 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7706 Datasheet HTML 2Page - STMicroelectronics TDA7706 Datasheet HTML 3Page - STMicroelectronics TDA7706 Datasheet HTML 4Page - STMicroelectronics TDA7706 Datasheet HTML 5Page - STMicroelectronics TDA7706 Datasheet HTML 6Page - STMicroelectronics TDA7706 Datasheet HTML 7Page - STMicroelectronics TDA7706 Datasheet HTML 8Page - STMicroelectronics TDA7706 Datasheet HTML 9Page - STMicroelectronics TDA7706 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Block diagram and pin description
TDA7706
6/16
Doc ID 022898 Rev 3
22
LNAout2
-
AM LNA
AM LNA output 2nd stage
23
LNAdec2
-
AM LNA decoupling 2nd stage
24
AMMIXin1
In
AM mixer
inputs
AM mixer input 1
25
AMMIXin2
In
AM mixer input 2
26
GNDSLINK
-
Supply,
ground and
reset
Internal inter-IC communication
bus ground
-
27
Vdig
In
Front-end digital 5 V supply
-
28
VCCreg1V2
In
Internal 1.2 V regulator 5 V supply
-
29
REG1V2
Out
Internal 1.2 V regulator output
30
Vreg3v3
Out
Internal 3.3 V regulator output
31
RSTN
In
Reset (low active)
Pull-up 50 k
 to 3.3 V IO supply
32
RDSint
Out
RDS interrupt output
Pull-down 50 k
 to ground
-
33
I2CSDA
In/Out
I2C interface
I2C bus data
Pull-up 50 k
 to 3.3 V IO supply
34
I2CSCL
In
I2C bus clock
Pull-up 50 k
 to 3.3 V IO supply
35
VDD3V3
In
-
IO ring (3.3V) supply
-
36
GND3V3
-
-
IO ring (3.3V) supply
-
Table 2.
Pin description (continued)
Pin
Pin name
I/O
Function
Description
Equivalent circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com