Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACS302 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ACS302
Description  3-line overvoltage protected AC switch array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS302 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ACS302 Datasheet HTML 2Page - STMicroelectronics ACS302 Datasheet HTML 3Page - STMicroelectronics ACS302 Datasheet HTML 4Page - STMicroelectronics ACS302 Datasheet HTML 5Page - STMicroelectronics ACS302 Datasheet HTML 6Page - STMicroelectronics ACS302 Datasheet HTML 7Page - STMicroelectronics ACS302 Datasheet HTML 8Page - STMicroelectronics ACS302 Datasheet HTML 9Page - STMicroelectronics ACS302 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AC line switch basic application
ACS302
6/12
DocID024500 Rev 1
2
AC line switch basic application
The ACS302 device is well adapted to washing machines, dishwashers, tumble driers,
refrigerators, water heaters, and cooking products. It has been designed especially to switch
ON and OFF low power loads such as solenoids, valves, relays, micro-motors, pumps, fans,
door locks and low power lamps.
Pin COM: Common drive reference, to connect to the power line neutral
Pin G: Switch gate input to connect to the digital controller through a resistor
Pin OUT: Switch output, to connect to the load
Each ACS® is triggered with a negative gate current flowing out of the gate pin G. It can be
driven directly by the digital controller through a resistor as shown on the typical application
diagram. No protection devices are required between the gates and common terminals.
In appliance systems, this ACS drives slow power loads in full cycle ON / OFF mode.
Thanks to its thermal and turn off commutation performances, the ACS302 switch is able to
drive three loads up to 0.2 A each such as two water valves and a door lock in a dishwasher,
without any additional turn-off snubber.
Figure 16. Typical application
PA0
PA1
PA2
Vcc
Vss
ST72 MCU
M
N
L
VALVE / DISPENSER
DOOR LOCK
PUMP / FAN
MAINS
OUT1
OUT2
OUT3
ACS302
COM
G1
G2
G3
S1
S2
S3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com