Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FERD60U45C Datasheet(PDF) 2 Page - STMicroelectronics

Part # FERD60U45C
Description  ST advanced rectifier process
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD60U45C Datasheet(HTML) 2 Page - STMicroelectronics

  FERD60U45C Datasheet HTML 1Page - STMicroelectronics FERD60U45C Datasheet HTML 2Page - STMicroelectronics FERD60U45C Datasheet HTML 3Page - STMicroelectronics FERD60U45C Datasheet HTML 4Page - STMicroelectronics FERD60U45C Datasheet HTML 5Page - STMicroelectronics FERD60U45C Datasheet HTML 6Page - STMicroelectronics FERD60U45C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
FERD60U45C
2/7
DocID024893 Rev 1
1
Characteristics
When the diodes 1 and 2 are used simultaneously:
T
j(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode2) x Rth(c).
To evaluate the conduction losses use the following equation:
P = 0.32 x IF(AV) + 0.0063 IF
2
(RMS)
Table 2. Absolute ratings (limiting values, per diode at 25° C, unless otherwise stated)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
Forward rms current
60
A
IF(AV)
Average forward current,
 = 0.5
Tc =145° C
Tc =135° C
Per diode
Per device
30
60
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
300
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature (1)
175
°C
1.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a

--------------------------
Table 3. Thermal resistances
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
Per diode
Total
1.4
0.9
°C/W
Rth(c)
Coupling
0.4
°C/W
Table 4. Static electrical characteristics (per diode)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = VRRM
1500
µA
Tj = 125° C
50
100
mA
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 15 A
0.38
0.41
V
Tj = 125° C
0.345
0.375
Tj = 25° C
IF = 30 A
0.46
0.50
Tj = 125° C
0.47
0.51
1.
Pulse test: tp = 5 ms,  < 2%
2.
Pulse test: tp = 380 µs,  < 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com