Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STB6N65M2 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STB6N65M2
Description  Zener-protected
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6N65M2 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STB6N65M2 Datasheet HTML 13Page - STMicroelectronics STB6N65M2 Datasheet HTML 14Page - STMicroelectronics STB6N65M2 Datasheet HTML 15Page - STMicroelectronics STB6N65M2 Datasheet HTML 16Page - STMicroelectronics STB6N65M2 Datasheet HTML 17Page - STMicroelectronics STB6N65M2 Datasheet HTML 18Page - STMicroelectronics STB6N65M2 Datasheet HTML 19Page - STMicroelectronics STB6N65M2 Datasheet HTML 20Page - STMicroelectronics STB6N65M2 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
DocID026762 Rev 1
17/23
STB6N65M2, STD6N65M2
Package mechanical data
23
Table 11. DPAK (TO-252) type C mechanical data
Dim.
mm
Min.
Typ.
Max.
A
2.202.302.38
A1
0.90
1.01
1.10
A2
0.00
0.10
b0.72
0.85
b4
5.13
5.33
5.46
c0.47
0.60
c2
0.47
0.60
D
6.006.106.20
D1
5.25
E
6.506.606.70
e
2.186
2.286
2.386
E1
4.70
H
9.80
10.10
10.40
L
1.401.501.70
L2
0.90
1.25
L3
0.51 BSC
L4
0.60
0.80
1.00
L6
1.80 BSC
Θ1
5°7°9°
Θ2
5°7°9°
V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com