Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STBLED627 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STBLED627
Description  N-channel 620 V, 0.95 Ω, 7.0 A Power MOSFET in D2PAK and in DPAK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBLED627 Datasheet(HTML) 4 Page - STMicroelectronics

  STBLED627 Datasheet HTML 1Page - STMicroelectronics STBLED627 Datasheet HTML 2Page - STMicroelectronics STBLED627 Datasheet HTML 3Page - STMicroelectronics STBLED627 Datasheet HTML 4Page - STMicroelectronics STBLED627 Datasheet HTML 5Page - STMicroelectronics STBLED627 Datasheet HTML 6Page - STMicroelectronics STBLED627 Datasheet HTML 7Page - STMicroelectronics STBLED627 Datasheet HTML 8Page - STMicroelectronics STBLED627 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
STBLED627, STDLED627
4/18
DocID025173 Rev 1
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
620
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 620 V
VDS = 620 V, TC = 125 °C
0.8
50
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
± 9
µA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 50 µA
3
3.6
4.5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 2.8 A
0.95
1.2
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 50 V, f = 1 MHz, VGS = 0
-890
-
pF
pF
pF
Coss
Output capacitance
-
110
-
Crss
Reverse transfer
capacitance
-18
-
Coss(er)
(1)
1.
It is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS.
Equivalent output
capacitance energy
related
VGS = 0, VDS = 0 to 480 V
-28
-
pF
Coss(tr)
(2)
2.
It is defined as a constant equivalent capacitance giving the same storage energy as Coss when VDS
increases from 0 to 80% VDSS.
Equivalent output
capacitance time
related
-63
-
pF
RG
Intrinsic gate
resistance
f = 1 MHz open drain
-
3.5
-
Ω
Qg
Total gate charge
VDD = 496 V, ID = 5.5 A,
VGS = 10 V
(see Figure 18)
-35
-
nC
Qgs
Gate-source charge
-
4.5
-
nC
Qgd
Gate-drain charge
-
23
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com