Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STU5N60M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STU5N60M2
Description  Extremely low gate charge
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU5N60M2 Datasheet(HTML) 5 Page - STMicroelectronics

  STU5N60M2 Datasheet HTML 1Page - STMicroelectronics STU5N60M2 Datasheet HTML 2Page - STMicroelectronics STU5N60M2 Datasheet HTML 3Page - STMicroelectronics STU5N60M2 Datasheet HTML 4Page - STMicroelectronics STU5N60M2 Datasheet HTML 5Page - STMicroelectronics STU5N60M2 Datasheet HTML 6Page - STMicroelectronics STU5N60M2 Datasheet HTML 7Page - STMicroelectronics STU5N60M2 Datasheet HTML 8Page - STMicroelectronics STU5N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
STD5N60M2, STP5N60M2, STU5N60M2
Electrical characteristics
DocID025318 Rev 4
5/22
Table 8: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
3.5
A
ISDM (1)
Source-drain current
(pulsed)
-
14
A
VSD (2)
Forward on voltage
VGS = 0 V, ISD = 3.5 A
-
1.6
V
trr
Reverse recovery time
ISD = 3.5 A, di/dt = 100 A/µs,
VDD = 60 V
(see Figure 18: "Test circuit for
inductive load switching and
diode recovery times")
-
220
ns
Qrr
Reverse recovery
charge
-
1.05
µC
IRRM
Reverse recovery
current
-
9.5
A
trr
Reverse recovery time
ISD = 3.5 A, di/dt = 100 A/µs,
VDD = 60 V, Tj = 150 °C
(see Figure 18: "Test circuit for
inductive load switching and
diode recovery times")
-
314
ns
Qrr
Reverse recovery
charge
-
1.5
µC
IRRM
Reverse recovery
current
-
9.5
A
Notes:
(1) Pulse width is limited by safe operating area.
(2) Pulse test: pulse duration = 300 µs, duty cycle 1.5 %.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com