Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STF25N10F7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF25N10F7
Description  Ultra low on-resistance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF25N10F7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF25N10F7 Datasheet HTML 3Page - STMicroelectronics STF25N10F7 Datasheet HTML 4Page - STMicroelectronics STF25N10F7 Datasheet HTML 5Page - STMicroelectronics STF25N10F7 Datasheet HTML 6Page - STMicroelectronics STF25N10F7 Datasheet HTML 7Page - STMicroelectronics STF25N10F7 Datasheet HTML 8Page - STMicroelectronics STF25N10F7 Datasheet HTML 9Page - STMicroelectronics STF25N10F7 Datasheet HTML 10Page - STMicroelectronics STF25N10F7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID025265 Rev 1
7/21
STD25N10F7, STF25N10F7, STP25N10F7
Electrical characteristics
21
Figure 8. Output characteristics
Figure 9. Transfer characteristics
Figure 10. Gate charge vs gate-source voltage
Figure 11. Static drain-source on-resistance
Figure 12. Capacitance variations
Figure 13. Normalized gate threshold voltage vs
temperature
ID
60
40
20
0
0
VDS(V)
(A)
5
80
5V
6V
VGS=10V
70
50
30
10
7V
8V
9V
1
2
3
4
6
78
AM16008v1
ID
60
40
20
0
3
VGS(V)
5
(A)
2
4
80
10
30
50
70
V
DS=6V
6
7
8
9
10 11
AM16009v1
VGS
6
4
2
0
0
5
Qg(nC)
(V)
8
10
15
10
VDD=50V
ID=25A
12
AM16010v1
RDS(on)
30.0
20.0
10.0
0.0
0
20
ID(A)
(mΩ)
10
40.0
0.096
VGS=10V
5
15
AM16011v1
C
600
400
200
0
0
20
VDS(V)
(pF)
10
800
30
Ciss
Coss
Crss
40 50 60 70 80
1000
AM16012v1
VGS(th)
0.8
0.7
0.6
0.5
-55
-5
TJ(°C)
(norm)
-30
0.9
70
20
45
95
ID=250µA
0.4
120
1
1.1
AM16013v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com