Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STF18N60M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF18N60M2
Description  Low gate input resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF18N60M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF18N60M2 Datasheet HTML 2Page - STMicroelectronics STF18N60M2 Datasheet HTML 3Page - STMicroelectronics STF18N60M2 Datasheet HTML 4Page - STMicroelectronics STF18N60M2 Datasheet HTML 5Page - STMicroelectronics STF18N60M2 Datasheet HTML 6Page - STMicroelectronics STF18N60M2 Datasheet HTML 7Page - STMicroelectronics STF18N60M2 Datasheet HTML 8Page - STMicroelectronics STF18N60M2 Datasheet HTML 9Page - STMicroelectronics STF18N60M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STF18N60M2
6/13
DocID024729 Rev 3
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
ID
1
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
Operation
in
this
ar
ea
is
Limit
ed
b
y max
R
DS(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single
pulse
10
AM15834v1
ID
15
10
5
0
0
10
VDS(V)
(A)
5
15
20
4V
5V
6V
VGS=7, 8, 9, 10V
20
25
30
AM15837v1
ID
10
0
0
4
VGS(V)
8
(A)
2
6
20
30
VDS=18V
10
5
15
25
AM15838v1
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
VDS
VGS
6
4
2
0
0
Qg(nC)
(V)
5
8
10
VDD=480V
300
200
100
0
400
VDS
10
500
VDS
(V)
ID=13A
15
20
25
12
AM15839v1
RDS(on)
0.260
0.255
0.250
0.245
0
2
ID(A)
(
Ω)
0.265
4
VGS=10V
0.270
6
8
10
12
AM15840v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com