Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1054397 Datasheet(PDF) 7 Page - SICK AG

Part # 1054397
Description  RFID
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1054397 Datasheet(HTML) 7 Page - SICK AG

  1054397 Datasheet HTML 1Page - SICK AG 1054397 Datasheet HTML 2Page - SICK AG 1054397 Datasheet HTML 3Page - SICK AG 1054397 Datasheet HTML 4Page - SICK AG 1054397 Datasheet HTML 5Page - SICK AG 1054397 Datasheet HTML 6Page - SICK AG 1054397 Datasheet HTML 7Page - SICK AG 1054397 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RFU630-13101 | RFU63x
RFID
Brief description
Type
Part no.
Plug connectors and cables
Head A: female connector, M12, 17-pin, straight
Head B: male connector, D-Sub-HD, 15-pin, straight
Cable: Power, serial, CAN, digital I/Os, shielded, 0.9 m
Connection cable
(male connector -
female connector)
2049764
Head A: male connector, M12, 4-pin, straight, D-coded
Head B: male connector, RJ45, 8-pin, straight
Cable: Ethernet, twisted pair, PUR, halogen-free, shielded, 2 m
SSL-2J04-G02ME
6034414
Head A: male connector, USB-A
Head B: male connector, Micro-B
Cable: USB 2.0, unshielded, 2 m
USB cable
6036106
Storage media
Code for activating the SICK AppSpace functions. MicroSD memory card with 1 GB for
industrial use.
SDK6U-P00100
SICK AppSpace
1076012
RFID transponder
UHF transponder, global, thermoplastic, 51.5 mm x 47.5 mm x 10 mm, Impinj Monza
4 QT
On-metal transpon-
der (52 mm x
48 mm x 10 mm)
6052346
2017-05-12 06:56:32 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com