Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CDCE937 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDCE937
Description  Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE937 Datasheet(HTML) 5 Page - Texas Instruments

  CDCE937_17 Datasheet HTML 1Page - Texas Instruments CDCE937_17 Datasheet HTML 2Page - Texas Instruments CDCE937_17 Datasheet HTML 3Page - Texas Instruments CDCE937_17 Datasheet HTML 4Page - Texas Instruments CDCE937_17 Datasheet HTML 5Page - Texas Instruments CDCE937_17 Datasheet HTML 6Page - Texas Instruments CDCE937_17 Datasheet HTML 7Page - Texas Instruments CDCE937_17 Datasheet HTML 8Page - Texas Instruments CDCE937_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
CDCE937, CDCEL937
www.ti.com
SLAS564G – AUGUST 2007 – REVISED OCTOBER 2016
Product Folder Links: CDCE937 CDCEL937
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
SDA and SCL can go up to 3.6 V as stated in Recommended Operating Conditions.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VDD
–0.5
2.5
V
Input voltage, VI
(2) (3)
–0.5
VDD + 0.5
V
Output voltage, VO
(2)
–0.5
Vddout + 0.5
V
Input current, II (VI < 0, VI > VDD)
20
mA
Continuous output current, IO
50
mA
Junction temperature, TJ
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
(1)
For more information about VCXO configuration, and crystal recommendation, see VCXO Application Guideline for CDCE(L)9xx Family
(SCAA085).
(2)
Pulling range depends on crystal-type, on-chip crystal load capacitance and PCB stray capacitance; pulling range of min ±120 ppm
applies for crystal listed in VCXO Application Guideline for CDCE(L)9xx Family (SCAA085).
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VDD
Device supply voltage
1.7
1.8
1.9
V
VO
Output Yx supply voltage, Vddout
CDCE937
2.3
3.6
V
CDCEL937
1.7
1.9
VIL
Low-level input voltage LVCMOS
0.3 × VDD
V
VIH
High-level input voltage LVCMOS
0.7 × VDD
V
VI(thresh)
Input voltage threshold LVCMOS
0.5 × VDD
V
VIS
Input voltage
S0
0
1.9
V
S1, S2, SDA, SCL,
VI(thresh) = 0.5 VDD
0
3.6
VI(CLK)
Input voltage, CLK
0
1.9
V
IOH /IOL
Output current
Vddout = 3.3 V
±12
mA
Vddout = 2.5 V
±10
Vddout = 1.8 V
±8
CL
Output load LVCMOS
10
pF
TA
Operating free-air temperature
–40
85
°C
CRYSTAL AND VCXO(1)
fXtal
Crystal input frequency (fundamental mode)
8
27
32
MHz
ESR
Effective series resistance
100
Ω
fPR
Pulling (0 V
≤ Vctrl ≤ 1.8 V)(2)
±120
±150
ppm
Frequency control voltage, Vctrl
0
VDD
V
C0/C1
Pullability ratio
220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com