Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PL9301 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PL9301
Description  SMT POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PL9301 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PL9301 Datasheet HTML 1Page - Pulse A Technitrol Company PL9301 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 215 781 6400 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
M120.A (3/07)
SMT POWER INDUCTORS
Shielded Drum Core - PL93XX Series
TYP
.118
3,00
TYP
.047
1,20
MAX
.157
4,00
.410
10,41
MAX
.410
10,41
MAX
SUGGESTED PAD LAYOUT
.421
10,70
TYP
.421
10,70TYP
.287
7,30TYP
.126
3,20TYP
.126
3,20
TYP
.287
7,30
TYP
.067
1,70TYP
.067
1,70TYP
1
2
Mechanical
Schematic
Weight . . . . . . . . 2.5 grams
Tape & Reel . . . . . . 400/reel
Part
Inductance
Irated 2
DCR (m
Ω)
Inductance
Saturation 3
Heating 4
Numbers
@Irated
(A)
@0ADC
Current
Current
(
μH TYP)
TYP
MAX
(
μH)
(A) @25°C
(A)
PL9301
0.62
7.60
4.2
5.5
0.68±25%
10.00
7.60
PL9302
1.2
7.10
5.6
7.3
1.3±25%
8.00
7.10
PL9303
1.9
5.80
8.4
10.9
2.2±25%
6.15
5.80
PL9304
2.8
5.20
10.2
13.3
3.3±25%
5.80
5.20
PL9305
4.0
4.70
15.1
19.6
4.7±25%
5.40
4.70
PL9306
5.4
3.70
20.8
27.0
6.0±25%
4.50
3.70
PL9307
6.9
3.50
23.7
30.8
7.6±25%
4.00
3.50
PL9308
8.0
3.40
26.5
33.2
10±20%
3.80
3.40
PL9309
11
3.00
36.1
45.2
12±20%
3.40
3.00
PL9310
12
2.80
39.5
49.4
15±20%
3.10
2.80
PL9311
19
2.30
62
77
22±20%
2.80
2.30
PL9312
25
2.10
71
89
27±20%
2.30
2.10
PL9313
38
1.65
113
142
47±20%
2.10
1.65
PL9314
55
1.32
170
212
68±20%
1.50
1.32
PL9315
83
1.10
262
328
100±20%
1.35
1.10
PL9316
123
0.88
400
500
150±20%
1.15
0.88
PL9317
178
0.73
591
739
220±20%
0.92
0.73
PL9318
278
0.60
906
1133
330±20%
0.70
0.60
*Inductance at 0ADC tolerance on indicated part numbers is ±30%; tolerance is ±20% on all other parts. Optional Tape & Reel packaging
can be ordered by adding a "T" suffix to the part number (i.e. PL9301 becomes PL9301T).
NOTES FROM TABLE: (See back page)
Electrical Specifications @ 25°C — Operating Temperature - 55°C to +130°C
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
NOTE: Pin 3 and Pin 4 are for
mechanical connection only.
Height: 0.157 inches (4.0mm) Max
Footprint: 0.410 inches x 0.410 inches (10.5mm x 10.5mm) Max
Inductance Range: 0.62µH to 278µH
Current Rating: up to 7.6A
TAPE & REEL
LAYOUT
USER DIRECTION
OF FEED
4
3
1
2
.421
10,70
.165 ± .008
4.20 ± 0,20
.181
4,60
.260
6,60
Ø
.177
4,50
Ø
.630
16,00
.945 ± .012
24.00 ± 0,30
.421
10,70
PL93XX
Date Code
Country of Origin
PL93XX
Date Code
Country of Origin
PL93XX
Date Code
Country of Origin
4
3
1
2
4
3
1
2


Similar Part No. - PL9301

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PL9 DBLECTRO-PL9 Datasheet
369Kb / 2P
Application for Telecommunication Equipment,Office Equipment,Security Alarm Systems
logo
Micrel Semiconductor
PL902150USY MICREL-PL902150USY Datasheet
606Kb / 1P
Programmable Jitter Filter
PL902150USYTR MICREL-PL902150USYTR Datasheet
606Kb / 1P
Programmable Jitter Filter
PL902XXX MICREL-PL902XXX Datasheet
482Kb / 10P
Lowest power and smallest programmable jitter attenuator
logo
Microchip Technology
PL902XXXUSY MICROCHIP-PL902XXXUSY Datasheet
2Mb / 36P
Gigabit Ethernet Switch Evaluation Board
11/07/16
More results

Similar Description - PL9301

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
SMT POWER INDUCTORS
logo
Coilcraft lnc.
LPO4815 COILCRAFT-LPO4815_15 Datasheet
446Kb / 2P
SMT Power Inductors
logo
Pulse A Technitrol Comp...
PA2891.XXXHL PULSE-PA2891.XXXHL Datasheet
736Kb / 3P
SMT Power Inductors
PA3288.XXXHL PULSE-PA3288.XXXHL Datasheet
439Kb / 3P
SMT Power Inductors
PA4340.XXXNLT PULSE-PA4340.XXXNLT Datasheet
3Mb / 4P
SMT Power Inductors
PA5002.XXXNLT PULSE-PA5002.XXXNLT Datasheet
1Mb / 5P
SMT Power Inductors
PG1083NL PULSE-PG1083NL Datasheet
455Kb / 2P
SMT Power Inductors
PG0936NL PULSE-PG0936NL Datasheet
384Kb / 2P
SMT Power Inductors
PA5189.XXXHLT PULSE-PA5189.XXXHLT Datasheet
777Kb / 3P
SMT Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com