Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STIPN2M50T-H Datasheet(PDF) 1 Page - STMicroelectronics

Part # STIPN2M50T-H
Description  3-phase inverters for small power motor drives
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPN2M50T-H Datasheet(HTML) 1 Page - STMicroelectronics

  STIPN2M50T-H Datasheet HTML 1Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 2Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 3Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 4Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 5Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 6Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 7Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 8Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
February 2017
DocID028651 Rev 5
1/25
This is information on a product in full production.
www.st.com
STIPN2M50T-H
SLLIMM™-nano small low-loss intelligent molded module
IPM, 3-
phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET
Datasheet - production data
Features
IPM 2 A, 500 V, RDS(on)
= 1.7 Ω, 3-phase
MOSFET inverter bridge including control
ICs for gate driving
Optimized for low electromagnetic
interference
3.3 V, 5 V, 15 V CMOS/TTL input
comparators with hysteresis and pull-
down/pull-up resistors
Undervoltage lockout
Internal bootstrap diode
Interlocking function
Smart shutdown function
Comparator for fault protection against
overtemperature and overcurrent
Op-amp for advanced current sensing
Optimized pinout for easy board layout
NTC for temperature control (UL 1434 CA 2
and 4)
Up to ±2 kV ESD protection (HBM C = 100
pF, R = 1.5 kΩ)
Applications
3-phase inverters for small power motor
drives
Dish washers, refrigerator compressors,
heating systems, air-conditioning fans,
draining and recirculation pumps
Description
This SLLIMM (small low-loss intelligent molded
module) nano provides a compact, high
performance AC motor drive in a simple, rugged
design. It is composed of six MOSFETs and three
half-bridge HVICs for gate driving, providing low
electromagnetic interference (EMI) characteristics
with optimized switching speed. The package is
optimized for thermal performance and
compactness in built-in motor applications, or
other low power applications where assembly
space is limited. This IPM includes an operational
amplifier, completely uncommitted, and a
comparator that can be used to design a fast and
efficient protection circuit. SLLIMM™ is a
trademark of STMicroelectronics.
Table 1: Device summary
Order code
Marking
Package
Packing
STIPN2M50T-H
IPN2M50T-H
NDIP-26L
Tube


Similar Part No. - STIPN2M50T-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIPN2M50T-HL STMICROELECTRONICS-STIPN2M50T-HL Datasheet
1,003Kb / 23P
Undervoltage lockout
01-Feb-2017
More results

Similar Description - STIPN2M50T-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS15C60T-H STMICROELECTRONICS-STGIPS15C60T-H Datasheet
640Kb / 19P
3-phase inverters for motor drives
09-Apr-2015
STGIPS20C60T-H STMICROELECTRONICS-STGIPS20C60T-H Datasheet
992Kb / 19P
3-phase inverters for motor drives
10-Apr-2015
STGIB10CH60TS-L STMICROELECTRONICS-STGIB10CH60TS-L Datasheet
1Mb / 24P
3-phase inverters for motor drives
25-Oct-2016
STGIB15CH60TS-E STMICROELECTRONICS-STGIB15CH60TS-E Datasheet
1Mb / 24P
3-phase inverters for motor drives
18-Nov-2016
STGIB15CH60TS-L STMICROELECTRONICS-STGIB15CH60TS-L Datasheet
1Mb / 24P
3-phase inverters for motor drives
18-Nov-2016
STGIF5CH60TS-L STMICROELECTRONICS-STGIF5CH60TS-L Datasheet
600Kb / 25P
3-phase inverters for motor drives
09-Sep-2015
STGIPL30C60-H STMICROELECTRONICS-STGIPL30C60-H Datasheet
1Mb / 24P
3-phase inverters for motor drives
17-Jul-2013
STGIPS10C60 STMICROELECTRONICS-STGIPS10C60 Datasheet
623Kb / 20P
3-phase inverters for motor drives
08-Apr-2015
STIPN1M50-H STMICROELECTRONICS-STIPN1M50-H Datasheet
989Kb / 21P
3-phase inverters for small power motor drives
01-Feb-2017
STIPN1M50T-H STMICROELECTRONICS-STIPN1M50T-H Datasheet
1Mb / 24P
3-phase inverters for small power motor drives
02-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com