Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL4P3LLH6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL4P3LLH6
Description  High avalanche ruggedness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL4P3LLH6 Datasheet(HTML) 5 Page - STMicroelectronics

  STL4P3LLH6 Datasheet HTML 1Page - STMicroelectronics STL4P3LLH6 Datasheet HTML 2Page - STMicroelectronics STL4P3LLH6 Datasheet HTML 3Page - STMicroelectronics STL4P3LLH6 Datasheet HTML 4Page - STMicroelectronics STL4P3LLH6 Datasheet HTML 5Page - STMicroelectronics STL4P3LLH6 Datasheet HTML 6Page - STMicroelectronics STL4P3LLH6 Datasheet HTML 7Page - STMicroelectronics STL4P3LLH6 Datasheet HTML 8Page - STMicroelectronics STL4P3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID024616 Rev 2
5/13
STL4P3LLH6
Electrical characteristics
Note:
For the P-channel MOSFET the actual polarity of the voltages and the current must be
reversed.
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VSD
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on voltage
ISD = 4 A, VGS = 0
-
-
1.1
V
trr
Reverse recovery time
ISD = 4 A,
di/dt = 100 A/µs,
VDD= 16 V, TJ = 150 °C
-
11.2
-
ns
Qrr
Reverse recovery charge
-
3.5
-
nC
IRRM
Reverse recovery current
-
0.6
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com