Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL6P3LLH6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL6P3LLH6
Description  Very low on-resistance
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL6P3LLH6 Datasheet(HTML) 4 Page - STMicroelectronics

  STL6P3LLH6 Datasheet HTML 1Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 2Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 3Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 4Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 5Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 6Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 7Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 8Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STL6P3LLH6
4/15
DocID023668 Rev 3
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4: On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0, ID = 250 µA
30
V
IDSS
Zero gate voltage
drain current
VGS = 0, VDS = 30 V
1
µA
VGS = 0, VDS = 30 V
TC = 125 °C
10
µA
IGSS
Gate-body leakage
current
VDS = 0, VGS = ± 20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 3 A
0.024
0.03
Ω
VGS = 4.5 V, ID = 3 A
0.038
0.05
Ω
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V
f = 1 MHz
VGS = 0
-
1450
-
pF
Coss
Output capacitance
-
178
-
pF
Crss
Reverse transfer capacitance
-
120
-
pF
Qg
Total gate charge
VDD = 24 V, ID = 6 A,
VGS = 4.5 V
(see Figure 13: "Switching
times test circuit for
resistive load")
-
12
-
nC
Qgs
Gate-source charge
-
4.4
-
nC
Qgd
Gate-drain charge
-
5
-
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 24 V, ID = 3 A
RG = 4.7 Ω
VGS = 10 V
-
15
-
ns
tr
Rise time
-
15
-
ns
td(off)
Turn-off delay time
-
24
-
ns
tf
Fall time
-
21
-
ns
For the P-channel Power MOSFETs the actual polarity of the voltages and the
current must be reversed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com