Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L4984D Datasheet(PDF) 9 Page - STMicroelectronics

Part # L4984D
Description  CCM PFC controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4984D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L4984D Datasheet HTML 5Page - STMicroelectronics L4984D Datasheet HTML 6Page - STMicroelectronics L4984D Datasheet HTML 7Page - STMicroelectronics L4984D Datasheet HTML 8Page - STMicroelectronics L4984D Datasheet HTML 9Page - STMicroelectronics L4984D Datasheet HTML 10Page - STMicroelectronics L4984D Datasheet HTML 11Page - STMicroelectronics L4984D Datasheet HTML 12Page - STMicroelectronics L4984D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
DocID024474 Rev 1
9/35
L4984D
Electrical characteristics
3
Electrical characteristics
(Tj = -25 to 125 °C, VCC = 12 V,(a) CTIMER = 470 pF, Co = 1 nF between pin GD and GND,
CFF = 1 µF and RFF = 1 MΩ between pin VFF and GND; unless otherwise specified.)
a. Adjust VCC above VCCOn before setting at 12 V.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Supply voltage
VCC
Operating range
After turn-on
10.3
22.5
V
VCCOn
Turn-on threshold
(1)
11
12
13
V
VCCOff
Turn-off threshold
(1)
8.7
9.5
10.3
V
VCCrestart
VCC for resuming from latch
OVP latched
5
6
7
V
Hys
Hysteresis
2.3
2.7
V
VZ
Zener voltage
Icc = 20 mA
22.5
25
28
V
Supply current
Istart-up
Startup current
Before turn-on, VCC = 10 V
65
150
µA
Iq
Quiescent current
After turn-on, VMULT = 1 V
4
5
mA
ICC
Operating supply current
At 70 kHz
5
6.0
mA
Iqdis
Idle state quiescent current
VPFC_OK > VPFC_OK_S
and
VINV < VINVD
200
280
µA
VPFC_OK < VPFC_OK_D
1.5
2.2
mA
Iq
Quiescent current
VPFC_OK > VPFC_OK_S
or
VCOMP < 2.3 V
2.2
3
mA
Multiplier input
IMULT
Input bias current
VMULT = 0 to 3 V
-0.2
-1
µA
VMULT
Linear operation range
0 to 3
V
VCLAMP
Internal clamp level
IMULT = 1 mA
9
9.5
V
Output max. slope
VMULT = 0 to 0.4 V
VVFF = 0.915 V
VCOMP = upper clamp
0.935
1.34
V/V
KM
Gain(2)
VMULT = VCOMP = 0.915 V VCOMP
= 4 V
0.248 0.304
0.360
V
Error amplifier
VINV
Voltage feedback input
threshold
Tj = 25 °C
2.475
2.5
2.525
V
10.3 V < VCC < 22.5 V (1)
2.455
2.545
ΔVCS
ΔVMULT
----------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com