Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STGW20H60DF Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGW20H60DF
Description  600 V, 20 A high speed trench gate field-stop IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW20H60DF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGW20H60DF Datasheet HTML 5Page - STMicroelectronics STGW20H60DF Datasheet HTML 6Page - STMicroelectronics STGW20H60DF Datasheet HTML 7Page - STMicroelectronics STGW20H60DF Datasheet HTML 8Page - STMicroelectronics STGW20H60DF Datasheet HTML 9Page - STMicroelectronics STGW20H60DF Datasheet HTML 10Page - STMicroelectronics STGW20H60DF Datasheet HTML 11Page - STMicroelectronics STGW20H60DF Datasheet HTML 12Page - STMicroelectronics STGW20H60DF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DocID024745 Rev 1
9/17
STGW20H60DF, STGWT20H60DF
Electrical characteristics
Figure 12. Diode VF vs. forward current
Figure 13. Gate charge vs. gate-emitter voltage
Figure 14. Capacitance variations vs. VCE
Figure 15. Switching losses vs. gate resistance
Figure 16. Switching losses vs. collector
current
Figure 17. Switching losses vs. temperature
VF
1.9
1.5
1.1
10
50
IF(A)
(V)
30
TJ= -40 °C
20
40
2.3
TJ= 25 °C
TJ= 175 °C
AM16293V1
VGE
8
4
0
0
Qg(nC)
(V)
80
VCC= 400 V
IC= 20 A
40
120
12
16
AM16294V1
C
1000
100
10
0.1
VCE(V)
(pF)
10
Coes
1
Cies
Cres
AM16295V1
E
550
450
350
0
RG(
Ω)
(µJ)
20
EOFF
10
EON
30
40
650
750
VCC= 400 V, VGE = 15V,
IC = 20 A, TJ = 175°C
AM16296V1
E
600
400
200
10
IC(A)
(µJ)
20
EOFF
EON
30
800
1000
VCC= 400 V, VGE = 15V,
Rg = 10
Ω, TJ = 175°C
AM162961V1
E
400
300
200
25
TJ(°C)
(µJ)
75
EOFF
EON
125
VCC= 400 V, VGE = 15V,
Rg = 10
Ω, IC = 20 A
AM16297V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com