Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CC1020-RTR1 Datasheet(PDF) 77 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 77 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 73Page - Texas Instruments CC1020-RTR1 Datasheet HTML 74Page - Texas Instruments CC1020-RTR1 Datasheet HTML 75Page - Texas Instruments CC1020-RTR1 Datasheet HTML 76Page - Texas Instruments CC1020-RTR1 Datasheet HTML 77Page - Texas Instruments CC1020-RTR1 Datasheet HTML 78Page - Texas Instruments CC1020-RTR1 Datasheet HTML 79Page - Texas Instruments CC1020-RTR1 Datasheet HTML 80Page - Texas Instruments CC1020-RTR1 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 95 page
background image
CC1020
www.ti.com
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
Table 5-45. CALIBRATE Register (1Bh) (continued)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
CALIBRATE[2:0]
CAL_ITERATE[2:0]
5
—
Iteration start value for calibration DAC
0 (000): DAC start value 1, VC < 0.49 V after calibration
1 (001): DAC start value 2, VC < 0.66 V after calibration
2 (010): DAC start value 3, VC < 0.82 V after calibration
3 (011): DAC start value 4, VC < 0.99 V after calibration
4 (100): DAC start value 5, VC < 1.15 V after calibration
5 (101): DAC start value 6, VC < 1.32 V after calibration
6 (110): DAC start value 7, VC < 1.48 V after calibration
7 (111): DAC start value 8, VC < 1.65 V after calibration
Recommended setting: CAL_ITERATE=4.
Table 5-46. PA_POWER Register (1Ch)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
PA_POWER[7:4]
PA_HIGH [3:0]
0
—
Controls output power in high-power array
0: High-power array is off
1: Minimum high-power array output power
…
15: Maximum high-power array output power
PA_POWER[3:0]
PA_LOW[3:0]
15
—
Controls output power in low-power array
0: Low-power array is off
1: Minimum low-power array output power
…
15: Maximum low-power array output power
It is more efficient in terms of current consumption to use either
the lower or upper 4-bits in the PA_POWER register to control
the power.
Table 5-47. MATCH Register (1Dh)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
MATCH[7:4]
RX_MATCH[3:0]
0
—
Selects matching capacitor array value for RX. Each step is
approximately 0.4 pF.
MATCH[3:0]
TX_MATCH[3:0]
0
—
Selects matching capacitor array value for TX.
Each step is approximately 0.4 pF.
Table 5-48. PHASE_COMP Register (1Eh)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
PHASE_COMP[7:0]
PHASE_COMP[7:0]
0
—
Signed compensation value for LO I/Q phase error. Used for image
rejection calibration.
–128: approx. –6.2° adjustment between I and Q phase
–1: approx. –0.02° adjustment between I and Q phase
0: approx. +0.02° adjustment between I and Q phase
127: approx. +6.2° adjustment between I and Q phase
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
77
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com